Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/SP Datasheet(PDF) 362 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 362 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 358Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 359Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 360Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 361Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 362Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 363Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 364Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 365Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 366Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 362
Preliminary
 2010 Microchip Technology Inc.
24.3
Program Verification and
Code Protection
The overall structure of the code protection on the
PIC18 Flash devices differs significantly from other
PIC® microcontroller devices.
The user program memory is divided into three or five
blocks, depending on the device. One of these is a
Boot Block of 0.5K or 2K bytes, depending on the
device. The remainder of the memory is divided into
individual blocks on binary boundaries.
Each of the blocks has three code protection bits asso-
ciated with them. They are:
• Code-Protect bit (CPn)
• Write-Protect bit (WRTn)
• External Block Table Read bit (EBTRn)
Figure 24-2 shows the program memory organization
for 8, 16 and 32-Kbyte devices and the specific code
protection bit associated with each block. The actual
locations of the bits are summarized in Table .
FIGURE 24-2:
CODE-PROTECTED PROGRAM MEMORY FOR PIC18(L)F2X/4XK22
MEMORY SIZE/DEVICE
Block Code Protection
Controlled By:
8Kbytes
(PIC18(L)FX3K22)
16 Kbytes
(PIC18(L)FX4K22)
32 Kbytes
(PIC18(L)FX5K22)
64 Kbytes
(PIC18(L)FX6K22)
Boot Block
(000h-1FFh)
Boot Block
(000h-7FFh)
Boot Block
(000h-7FFh)
Boot Block
(000h-7FFh)
CPB, WRTB, EBTRB
Block 0
(200h-FFFh)
Block 0
(800h-1FFFh)
Block 0
(800h-1FFFh)
Block 0
(800h-3FFFh)
CP0, WRT0, EBTR0
Block 1
(1000h-1FFFh)
Block 1
(2000h-3FFFh)
Block 1
(2000h-3FFFh)
Block 1
(4000h-7FFFh)
CP1, WRT1, EBTR1
Unimplemented
Read ‘0’s
(2000h-1FFFFFh)
Unimplemented
Read ‘0’s
(4000h-1FFFFFh)
Block 2
(4000h-5FFFh)
Block 2
(8000h-BFFFh)
CP2, WRT2, EBTR2
Block 3
(6000h-7FFFh)
Block 3
(C000h-FFFFh)
CP3, WRT3, EBTR3
Unimplemented
Read ‘0’s
(8000h-1FFFFFh)
Unimplemented
Read ‘0’s
(10000h-1FFFFFh)
(Unimplemented
Memory Space)
TABLE 24-5:
CONFIGURATION REGISTERS ASSOCIATED WITH CODE PROTECTION
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
300008h
CONFIG5L
—
—
—
—CP3(1)
CP2(1)
CP1
CP0
300009h
CONFIG5H
CPD
CPB
—
—
—
—
—
—
30000Ah
CONFIG6L
—
—
—
—WRT3(1)
WRT2(1)
WRT1
WRT0
30000Bh
CONFIG6H
WRTD
WRTB
WRTC(2)
—
—
—
—
—
30000Ch
CONFIG7L
—
—
—
—
EBTR3(1)
EBTR2(1)
EBTR1
EBTR0
30000Dh
CONFIG7H
—
EBTRB
—
—
—
—
—
—
Legend: Shaded bits are unimplemented.
Note
1: Available on PIC18(L)FX5K22 and PIC18(L)FX6K22 devices only.
2: In user mode, this bit is read-only and cannot be self-programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com