Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/SP Datasheet(PDF) 423 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 423 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 419Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 420Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 421Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 422Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 423Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 424Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 425Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 426Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 427Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 423
PIC18(L)F2X/4XK22
27.1
DC Characteristics: Supply Voltage, PIC18(L)F2X/4XK22
PIC18(L)F2X/4XK22
Standard Operating Conditions (unless otherwise
stated)
Operating temperature
-40°C
 TA  +125°C
Param
No.
Symbol
Characteristic
Min
Typ Max Units
Conditions
D001
VDD
Supply Voltage
PIC18LF2X/4XK22
1.8
—
3.6
V
PIC18F2X/4XK22
1.8
—
5.5
V
D002
VDR
RAM Data Retention Voltage(1)
1.5
—
—
V
D003
VPOR
VDD Start Voltage to ensure internal
Power-on Reset signal
—
—
0.7
V
See section on Power-on Reset
for details
D004
SVDD
VDD Rise Rate to ensure internal
Power-on Reset signal
0.05
—
— V/ms See section on Power-on Reset
for details
D005
VBOR
Brown-out Reset Voltage
BORV<1:0> = 11(2)
—1.9
—
V
BORV<1:0> = 10
—2.2
—
V
BORV<1:0> = 01
—2.5
—
V
BORV<1:0> = 00(3)
—2.85
—
V
Note 1: This is the limit to which VDD can be lowered in Sleep mode, or during a device Reset, without losing RAM
data.
2: With BOR enabled, operation is supported until a BOR occurs. This is valid although VDD may be below
the minimum rated supply voltage.
3: With BOR enabled, full-speed operation (FOSC = 64 MHz) is supported until a BOR occurs. This is valid
although VDD may be below the minimum voltage for this frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com