Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/SP Datasheet(PDF) 443 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 443 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 439Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 440Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 441Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 442Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 443Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 444Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 445Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 446Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 447Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 443
PIC18(L)F2X/4XK22
27.11.3
TIMING DIAGRAMS AND SPECIFICATIONS
FIGURE 27-5:
EXTERNAL CLOCK TIMING (ALL MODES EXCEPT PLL)
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
1
2
3
3
4
4
TABLE 27-6:
EXTERNAL CLOCK TIMING REQUIREMENTS
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
1A
FOSC
External CLKIN
Frequency(1)
DC
DC
DC
0.5
16
64
MHz
MHz
MHz
EC, ECIO Oscillator mode (low power)
EC, ECIO Oscillator mode (medium
power)
EC, ECIO Oscillator mode (high power)
Oscillator Frequency(1)
DC
4
MHz
RC Oscillator mode
0.1
4
MHz
XT Oscillator mode
1
4
MHz
HS Oscillator mode, VDD
2.7V
1
20
MHz
HS Oscillator mode, VDD > 2.7V
5
200
kHz
LP Oscillator mode
1TOSC
External CLKIN Period(1)
2.0
62.5
15.6
—
—
—
s
ns
ns
EC, ECIO Oscillator mode (low power)
EC, ECIO Oscillator mode (medium
power)
EC, ECIO Oscillator mode (high power)
Oscillator Period(1)
250
—
ns
RC Oscillator mode
250
10,000
ns
XT Oscillator mode
40
62.5
250
250
ns
ns
HS Oscillator mode
HS + PLL Oscillator mode,
5200
s
LP Oscillator mode
2TCY
Instruction Cycle Time(1)
62.5
—
ns
TCY = 4/FOSC
3TOSL,
TOSH
External Clock in (OSC1)
High or Low Time
30
—
ns
XT Oscillator mode
2.5
—
s
LP Oscillator mode
10
—
ns
HS Oscillator mode
4TOSR,
TOSF
External Clock in (OSC1)
Rise or Fall Time
—
20
ns
XT Oscillator mode
—
50
ns
LP Oscillator mode
—
7.5
ns
HS Oscillator mode
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time base period for all configurations
except PLL. All specified values are based on characterization data for that particular oscillator type under
standard operating conditions with the device executing code. Exceeding these specified limits may result
in an unstable oscillator operation and/or higher than expected current consumption. All devices are tested
to operate at “min.” values with an external clock applied to the OSC1/CLKIN pin. When an external clock
input is used, the “max.” cycle time limit is “DC” (no clock) for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com