Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/SP Datasheet(PDF) 125 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 125 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 121Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 122Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 123Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 124Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 125Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 126Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 127Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 128Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 125
PIC18(L)F2X/4XK22
REGISTER 9-11:
PIE3: PERIPHERAL INTERRUPT ENABLE (FLAG) REGISTER 3
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SSP2IE
BCL2IE
RC2IE
TX2IE
CTMUIE
TMR5GIE
TMR3GIE
TMR1GIE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
SSP2IE: TMR5 Gate Interrupt Enable bit
1 = Enabled
0 =Disabled
bit 6
BCL2IE: Bus Collision Interrupt Enable bit
1 = Enabled
0 = Disabled
bit 5
RC2IE: EUSART2 Receive Interrupt Enable bit
1 = Enabled
0 = Disabled
bit 4
TX2IE: EUSART2 Transmit Interrupt Enable bit
1 = Enabled
0 =Disabled
bit 3
CTMUIE: CTMU Interrupt Enable bit
1 = Enabled
0 =Disabled
bit 2
TMR5GIE: TMR5 Gate Interrupt Enable bit
1 = Enabled
0 =Disabled
bit 1
TMR3GIE: TMR3 Gate Interrupt Enable bit
1 = Enabled
0 =Disabled
bit 0
TMR1GIE: TMR1 Gate Interrupt Enable bit
1 = Enabled
0 =Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com