Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/SP Datasheet(PDF) 198 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 198 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 194Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 195Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 196Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 197Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 198Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 199Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 200Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 201Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 202Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 198
Preliminary
 2010 Microchip Technology Inc.
14.4.6
PWM STEERING MODE
In Single Output mode, PWM steering allows any of the
PWM pins to be the modulated signal. Additionally, the
same PWM signal can be simultaneously available on
multiple pins.
Once
the
Single
Output
mode
is
selected
(CCPxM<3:2> = 11 and PxM<1:0> = 00 of the
CCPxCON register), the user firmware can bring out
the same PWM signal to one, two, three or four output
pins by setting the appropriate Steering Enable bits
(STRxA, STRxB, STRxC and/or STRxD) of the
PSTRxCON register, as shown in Table 14-13.
While the PWM Steering mode is active, CCPxM<1:0>
bits of the CCPxCON register select the PWM output
polarity for the PxD, PxC, PxB and PxA pins.
The PWM auto-shutdown operation also applies to
PWM Steering mode as described in Section 14.4.3
“Enhanced PWM Auto-shutdown Mode”. An auto-
shutdown event will only affect pins that have PWM
outputs enabled.
FIGURE 14-18:
SIMPLIFIED STEERING
BLOCK DIAGRAM
14.4.6.1
Steering Synchronization
The STRxSYNC bit of the PSTRxCON register gives
the user two selections of when the steering event will
happen. When the STRxSYNC bit is ‘0’, the steering
event will happen at the end of the instruction that
writes to the PSTRxCON register. In this case, the
output signal at the PxA, PxB, PxC and PxD pins may
be an incomplete PWM waveform. This operation is
useful when the user firmware needs to immediately
remove a PWM signal from the pin.
When the STRxSYNC bit is ‘1’, the effective steering
update will happen at the beginning of the next PWM
period. In this case, steering on/off the PWM output will
always produce a complete PWM waveform.
Figures 14-19 and 14-20 illustrate the timing diagrams
of the PWM steering depending on the STRxSYNC
setting.
Note:
The associated TRIS bits must be set to
output (‘0’) to enable the pin output driver
in order to see the PWM signal on the pin.
1
0
TRIS
PxA pin
PORT Data
PxA Signal
STRxA
1
0
TRIS
PxB pin
PORT Data
STRxB
1
0
TRIS
PxC pin
PORT Data
STRxC
1
0
TRIS
PxD pin
PORT Data
STRxD
Note 1: Port outputs are configured as shown when
the CCPxCON register bits PxM<1:0> = 00
and CCPxM<3:2> = 11.
2: Single PWM output requires setting at least
one of the STRx bits.
CCPxM1
CCPxM0
CCPxM1
CCPxM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com