Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F482BPMC Datasheet(PDF) 104 Page - fujitsu semiconductor

Part # MB90F482BPMC
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPMC Datasheet(HTML) 104 Page - fujitsu semiconductor

Back Button MB90F482BPMC Datasheet HTML 100Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 101Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 102Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 103Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 104Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 105Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 106Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 107Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 108Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 124 page
background image
MB90480B/485B Series
104
DS07-13722-11E
(11) Timer Input Timing
(VCC
= 2.7 V to 3.6 V, VSS = 0.0 V, TA = − 40 °C to + 85 °C)
* : tCP is internal operating clock cycle time. Refer to “ (1) Clock Timing”.
(12) Timer Output Timing
(VCC
= 2.7 V to 3.6 V, VSS = 0.0 V, TA = − 40 °C to + 85 °C)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Min
Max
Input pulse width
tTIWH
tTIWL
TIN0,
IN0, IN1,
PWC0 to PWC2
⎯
4 tCP*
⎯
ns
Parameter
Symbol
Pin name
Conditions
Value
Unit
Min
Max
CLK
↑ → TOUT change time
PPG0 to PPG5 change time
OUT0 to OUT5 change time
tTO
TOT0,
PPG0 to PPG5,
OUT0 to OUT5
Load
conditions
80 pF
30
⎯
ns
0.8 VCC
TIN0
IN0, IN1
PWC0 to PWC2
0.8 VCC
0.2 VCC
0.2 VCC
tTIWH
tTIWL
0.7 VCC
CLK
TOT0
0.3 VCC
0.7 VCC
tTO
PPG0 to PPG5
OUT0 to OUT5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com