Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F482BPMC Datasheet(PDF) 109 Page - fujitsu semiconductor

Part # MB90F482BPMC
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPMC Datasheet(HTML) 109 Page - fujitsu semiconductor

Back Button MB90F482BPMC Datasheet HTML 105Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 106Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 107Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 108Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 109Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 110Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 111Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 112Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 113Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 124 page
background image
MB90480B/485B Series
DS07-13722-11E
109
(16) Chip Select Output Timing
(VCC
= 2.7 V to 3.6 V, VSS = 0.0 V, TA = −40 °C to +85 °C)
* : tCP is internal operating clock cycle time. Refer to “ (1) Clock Timing”.
Note : Due to the configuration of the internal bus, the chip select output signals are changed simultaneously and
therefore may cause the bus conflict conditions. AC cannot be warranted between the ALE output signal
and the chip select output signal.
Parameter
Symbol
Pin name
Conditions
Value
Unit
Min
Max
Chip select output valid time
→
RD
↓
tSVRL
CS0 to CS3,
RD
⎯
tCP*
/ 2 − 7
⎯
ns
Chip select output valid time
→
WR
↓
tSVWL
CS0 to CS3,
WRH, WRL
⎯
tCP*
/ 2 − 7
⎯
ns
RD
↑→ chip select output valid time
tRHSV
RD,
CS0 to CS3
⎯
tCP*
/ 2 − 17
⎯
ns
WR
↑→ chip select output valid time
tWHSV
WRH, WRL,
CS0 to CS3
⎯
tCP*
/ 2 − 17
⎯
ns
tSVRL
tSVWL
tWHSV
tRHSV
0.8 V
0.8 V
2.4 V
2.4 V
2.4 V
2.4 V
0.8 V
0.8 V
RD
A23 to A16
CS0 to CS3
D15 to D00
WRH, WRL
D15 to D00
Read data
Write data
Unde-
fined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com