Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ16GA Datasheet(PDF) 205 Page - Microchip Technology

Part # PIC24FJ16GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA Datasheet(HTML) 205 Page - Microchip Technology

Back Button PIC24FJ16GA Datasheet HTML 201Page - Microchip Technology PIC24FJ16GA Datasheet HTML 202Page - Microchip Technology PIC24FJ16GA Datasheet HTML 203Page - Microchip Technology PIC24FJ16GA Datasheet HTML 204Page - Microchip Technology PIC24FJ16GA Datasheet HTML 205Page - Microchip Technology PIC24FJ16GA Datasheet HTML 206Page - Microchip Technology PIC24FJ16GA Datasheet HTML 207Page - Microchip Technology PIC24FJ16GA Datasheet HTML 208Page - Microchip Technology PIC24FJ16GA Datasheet HTML 209Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 262 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39881C-page 203
PIC24FJ64GA004 FAMILY
REGISTER 23-3:
DEVID: DEVICE ID REGISTER
UU
UUUUU
U
—
—
—
—
—
—
—
—
bit 23
bit 16
UU
RRRRR
R
—
—
FAMID7
FAMID6
FAMID5
FAMID4
FAMID3
FAMID2
bit 15
bit 8
RR
RRRRR
R
FAMID1
FAMID0
DEV5
DEV4
DEV3
DEV2
DEV1
DEV0
bit 7
bit 0
Legend: R = Read-only bit
U = Unimplemented bit
bit 23-14
Unimplemented: Read as ‘1’
bit 13-6
FAMID7:FAMID0: Device Family Identifier bits
00010001 = PIC24FJ64GA004 family
bit 5-0
DEV5:DEV0: Individual Device Identifier bits
000100 = PIC24FJ16GA002
000101 = PIC24FJ32GA002
000110 = PIC24FJ48GA002
000111 = PIC24FJ64GA002
001100 = PIC24FJ16GA004
001101 = PIC24FJ32GA004
001110 = PIC24FJ48GA004
001111 = PIC24FJ64GA004
REGISTER 23-4:
DEVREV: DEVICE REVISION REGISTER
UU
UUUUU
U
—
—
—
—
—
—
—
—
bit 23
bit 16
UU
UUUUU
R
—
—
—
—
—
—
—MAJRV2
bit 15
bit 8
RR
UUURR
R
MAJRV1
MAJRV0
—
—
—
DOT2
DOT1
DOT0
bit 7
bit 0
Legend: R = Read-only bit
U = Unimplemented bit
bit 23-9
Unimplemented: Read as ‘0’
bit 8-6
MAJRV2:MAJRV0: Major Revision Identifier bits
bit 5-3
Unimplemented: Read as ‘0’
bit 2-0
DOT2:DOT0: Minor Revision Identifier bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com