Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ16GA Datasheet(PDF) 121 Page - Microchip Technology

Part # PIC24FJ16GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA Datasheet(HTML) 121 Page - Microchip Technology

Back Button PIC24FJ16GA Datasheet HTML 117Page - Microchip Technology PIC24FJ16GA Datasheet HTML 118Page - Microchip Technology PIC24FJ16GA Datasheet HTML 119Page - Microchip Technology PIC24FJ16GA Datasheet HTML 120Page - Microchip Technology PIC24FJ16GA Datasheet HTML 121Page - Microchip Technology PIC24FJ16GA Datasheet HTML 122Page - Microchip Technology PIC24FJ16GA Datasheet HTML 123Page - Microchip Technology PIC24FJ16GA Datasheet HTML 124Page - Microchip Technology PIC24FJ16GA Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 262 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39881C-page 119
PIC24FJ64GA004 FAMILY
11.0 TIMER2/3 AND TIMER4/5
The Timer2/3 and Timer4/5 modules are 32-bit timers,
which can also be configured as four independent 16-bit
timers with selectable operating modes.
As a 32-bit timer, Timer2/3 and Timer4/5 operate in
three modes:
• Two independent 16-bit timers (Timer2 and
Timer3) with all 16-bit operating modes (except
Asynchronous Counter mode)
• Single 32-bit timer
• Single 32-bit synchronous counter
They also support these features:
• Timer gate operation
• Selectable prescaler settings
• Timer operation during Idle and Sleep modes
• Interrupt on a 32-Bit Period register match
• ADC Event Trigger (Timer4/5 only)
Individually, all four of the 16-bit timers can function as
synchronous timers or counters. They also offer the
features listed above, except for the ADC Event
Trigger; this is implemented only with Timer5. The
operating modes and enabled features are determined
by setting the appropriate bit(s) in the T2CON, T3CON,
T4CON and T5CON registers. T2CON and T4CON are
shown in generic form in Register 11-1; T3CON and
T5CON are shown in Register 11-2.
For 32-bit timer/counter operation, Timer2 and Timer4
are the least significant word; Timer3 and Timer4 are
the most significant word of the 32-bit timers.
To configure Timer2/3 or Timer4/5 for 32-bit operation:
1.
Set the T32 bit (T2CON<3> or T4CON<3> = 1).
2.
Select the prescaler ratio for Timer2 or Timer4
using the TCKPS1:TCKPS0 bits.
3.
Set the Clock and Gating modes using the TCS
and TGATE bits. If TCS is set to external clock,
RPINRx (TxCK) must be configured to an avail-
able RPn pin. See Section 9.4 “Peripheral Pin
Select” for more information.
4.
Load the timer period value. PR3 (or PR5) will
contain the most significant word of the value
while PR2 (or PR4) contains the least significant
word.
5.
If interrupts are required, set the interrupt enable
bit, T3IE or T5IE; use the priority bits,
T3IP2:T3IP0 or T5IP2:T5IP0, to set the interrupt
priority. Note that while Timer2 or Timer4 con-
trols the timer, the interrupt appears as a Timer3
or Timer5 interrupt.
6.
Set the TON bit (= 1).
The timer value, at any point, is stored in the register
pair, TMR3:TMR2 (or TMR5:TMR4). TMR3 (TMR5)
always contains the most significant word of the count,
while TMR2 (TMR4) contains the least significant word.
To configure any of the timers for individual 16-bit
operation:
1.
Clear the T32 bit corresponding to that timer
(T2CON<3>
for
Timer2
and
Timer3
or
T4CON<3> for Timer4 and Timer5).
2.
Select the timer prescaler ratio using the
TCKPS1:TCKPS0 bits.
3.
Set the Clock and Gating modes using the TCS
and TGATE bits. See Section 9.4 “Peripheral
Pin Select” for more information.
4.
Load the timer period value into the PRx register.
5.
If interrupts are required, set the interrupt enable
bit, TxIE; use the priority bits, TxIP2:TxIP0, to
set the interrupt priority.
6.
Set the TON bit (TxCON<15> = 1).
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to the
“PIC24F Family Reference Manual”,
”Section 14. Timers” (DS39704).
Note:
For 32-bit operation, T3CON and T5CON
control bits are ignored. Only T2CON and
T4CON control bits are used for setup and
control. Timer2 and Timer4 clock and gate
inputs are utilized for the 32-bit timer
modules, but an interrupt is generated with
the Timer3 or Timer5 interrupt flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com