Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ16GA Datasheet(PDF) 196 Page - Microchip Technology

Part # PIC24FJ16GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA Datasheet(HTML) 196 Page - Microchip Technology

Back Button PIC24FJ16GA Datasheet HTML 192Page - Microchip Technology PIC24FJ16GA Datasheet HTML 193Page - Microchip Technology PIC24FJ16GA Datasheet HTML 194Page - Microchip Technology PIC24FJ16GA Datasheet HTML 195Page - Microchip Technology PIC24FJ16GA Datasheet HTML 196Page - Microchip Technology PIC24FJ16GA Datasheet HTML 197Page - Microchip Technology PIC24FJ16GA Datasheet HTML 198Page - Microchip Technology PIC24FJ16GA Datasheet HTML 199Page - Microchip Technology PIC24FJ16GA Datasheet HTML 200Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 262 page
background image
PIC24FJ64GA004 FAMILY
DS39881C-page 194
Preliminary
© 2008 Microchip Technology Inc.
REGISTER 21-1:
CMCON: COMPARATOR CONTROL REGISTER
R/W-0
U-0
R/C-0
R/C-0
R/W-0
R/W-0
R/W-0
R/W-0
CMIDL
—
C2EVT
C1EVT
C2EN
C1EN
C2OUTEN(1) C1OUTEN(2)
bit 15
bit 8
R-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
C2OUT
C1OUT
C2INV
C1INV
C2NEG
C2POS
C1NEG
C1POS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CMIDL: Stop in Idle Mode bit
1 = When device enters Idle mode, module does not generate interrupts; module is still enabled
0 = Continue normal module operation in Idle mode
bit 14
Unimplemented: Read as ‘0’
bit 13
C2EVT: Comparator 2 Event
1 = Comparator output changed states
0 = Comparator output did not change states
bit 12
C1EVT: Comparator 1 Event
1 = Comparator output changed states
0 = Comparator output did not change states
bit 11
C2EN: Comparator 2 Enable
1 = Comparator is enabled
0 = Comparator is disabled
bit 10
C1EN: Comparator 1 Enable
1 = Comparator is enabled
0 = Comparator is disabled
bit 9
C2OUTEN: Comparator 2 Output Enable(1)
1 = Comparator output is driven on the output pad
0 = Comparator output is not driven on the output pad
bit 8
C1OUTEN: Comparator 1 Output Enable(2)
1 = Comparator output is driven on the output pad
0 = Comparator output is not driven on the output pad
bit 7
C2OUT: Comparator 2 Output bit
When C2INV = 0:
1 =C2 VIN+ > C2 VIN-
0 =C2 VIN+ < C2 VIN-
When C2INV = 1:
0 =C2 VIN+ > C2 VIN-
1 =C2 VIN+ < C2 VIN-
bit 6
C1OUT: Comparator 1 Output bit
When C1INV = 0:
1 =C1 VIN+ > C1 VIN-
0 =C1 VIN+ < C1 VIN-
When C1INV = 1:
0 =C1 VIN+ > C1 VIN-
1 =C1 VIN+ < C1 VIN-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com