Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

6402 Datasheet(PDF) 209 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 209 Page - Intel Corporation

Back Button 6402 Datasheet HTML 205Page - Intel Corporation 6402 Datasheet HTML 206Page - Intel Corporation 6402 Datasheet HTML 207Page - Intel Corporation 6402 Datasheet HTML 208Page - Intel Corporation 6402 Datasheet HTML 209Page - Intel Corporation 6402 Datasheet HTML 210Page - Intel Corporation 6402 Datasheet HTML 211Page - Intel Corporation 6402 Datasheet HTML 212Page - Intel Corporation 6402 Datasheet HTML 213Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
209
Registers
29
First “All Bits Failed” position and Status DQS7
Core Counter DQS7
28
First “Any Bit Failed” Position and Status DQS7
27
First “All Bits Failed” position and Status DQS15
Core Counter DQS15
26
First “Any Bit Failed” Position and Status DQS15
25
First “All Bits Failed” position and Status DQS6
Core Counter DQS6
24
First “Any Bit Failed” Position and Status DQS6
23
First “All Bits Failed” position and Status DQS14
Core Counter DQS14
22
First “Any Bit Failed” Position and Status DQS14
21
First “All Bits Failed” position and Status DQS5
Core Counter DQS5
20
First “Any Bit Failed” Position and Status DQS5
19
First “All Bits Failed” position and Status DQS13
Core Counter DQS13
18
First “Any Bit Failed” Position and Status DQS13
17
First “All Bits Failed” position and Status DQS4
Core Counter DQS4
16
First “Any Bit Failed” Position and Status DQS4
15
First “All Bits Failed” position and Status DQS12
Core Counter DQS12
14
First “Any Bit Failed” Position and Status DQS12
13
First “All Bits Failed” position and Status DQS3
Core Counter DQS3
12
First “Any Bit Failed” Position and Status DQS3
11
First “All Bits Failed” position and Status DQS11
Core Counter DQS11
10
First “Any Bit Failed” Position and Status DQS11
9
First “All Bits Failed” position and Status DQS2
Core Counter DQS2
8
First “Any Bit Failed” Position and Status DQS2
7
First “All Bits Failed” position and Status DQS10
Core Counter DQS10
6
First “Any Bit Failed” Position and Status DQS10
5
First “All Bits Failed” position and Status DQS1
Core Counter DQS1
4
First “Any Bit Failed” Position and Status DQS1
3
First “All Bits Failed” position and Status DQS9
Core Counter DQ9
2
First “Any Bit Failed” Position and Status DQS9
1
First “All Bits Failed” position and Status DQS0
Core Counter DQS0
0
First “Any Bit Failed” Position and Status DQS0
Table 14-16. Functional Characteristics of DCALDATA for HVM Algorithms
Byte
I/O Loopback
DLL BIST
DCALDATA I/O Loopback “Any Bit Failed” detail
Bit
Description
7
First “First Any bit Failed” Nibble. This bit is set if the nibble associated with this register is one of the
first to fail to capture data correctly during the test.
6
reserved
5:0
At the end of the test, this field will contain the minimum DQS delay setting that results in one or
more bits of a burst to be captured incorrectly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com