Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72325AR9B3 Datasheet(PDF) 177 Page - STMicroelectronics

Part # ST72325AR9B3
Description  8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72325AR9B3 Datasheet(HTML) 177 Page - STMicroelectronics

Back Button ST72325AR9B3 Datasheet HTML 173Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 174Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 175Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 176Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 177Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 178Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 179Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 180Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 197 page
background image
ST72325xx
177/197
PACKAGE MECHANICAL DATA (Cont’d)
Figure 103. 42-Pin Plastic Dual In-Line Package, Shrink 600-mil Width
Figure 104. 32-Pin Plastic Dual In-Line Package, Shrink 400-mil Width
Dim.
mm
inches1)
Min
Typ
Max
Min
Typ
Max
A
5.08
0.2000
A1
0.51
0.0201
A2
3.05
3.81
4.57 0.1201 0.1500 0.1799
b
0.38
0.46
0.56 0.0150 0.0181 0.0220
b2
0.89
1.02
1.14 0.0350 0.0402 0.0449
c
0.23
0.25
0.38 0.0091 0.0098 0.0150
D
36.58 36.83 37.08 1.4402 1.4500 1.4598
E
15.24
16.00 0.6000
0.6299
E1
12.70 13.72 14.48 0.5000 0.5402 0.5701
e
1.78
0.0701
eA
15.24
0.6000
eB
18.54
0.7299
eC
1.52
0.0598
L
2.54
3.30
3.56 0.1000 0.1299 0.1402
Number of Pins
N
42
Note 1. Values in inches are converted from mm and
rounded to 4 decimal digits.
E
E1
eA
eB
E
0.015
GAGE PLANE
eC
eB
D
e
b
b2
A2
A1
c
L
A
Dim.
mm
inches1)
Min
Typ
Max
Min
Typ
Max
A
3.56
3.76
5.08
0.1402
0.1480
0.2000
A1
0.51
0.0201
A2
3.05
3.56
4.57
0.1201
0.1402
0.1799
b
0.36
0.46
0.58
0.0142
0.0181
0.0228
b1
0.76
1.02
1.40
0.0299
0.0402
0.0551
C
0.20
0.25
0.36
0.0079
0.0098
0.0142
D
27.43
28.45 1.0799
1.1201
E
9.91 10.41 11.05 0.3902
0.4098
0.4350
E1
7.62
8.89
9.40
0.3000
0.3500
0.3701
e
1.78
0.0701
eA
10.16
0.4000
eB
12.70
0.5000
eC
1.40
0.0551
L
2.54
3.05
3.81
0.1000
0.1201
0.1500
Number of Pins
N
32
Note 1. Values in inches are converted from mm and
rounded to 4 decimal digits.
D
b2
b
e
A
A1
A2
L
E1
E
eC
C
eA
eB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com