Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72325AR9B3 Datasheet(PDF) 184 Page - STMicroelectronics

Part # ST72325AR9B3
Description  8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72325AR9B3 Datasheet(HTML) 184 Page - STMicroelectronics

Back Button ST72325AR9B3 Datasheet HTML 180Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 181Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 182Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 183Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 184Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 185Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 186Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 187Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 188Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 197 page
background image
ST72325xx
184/197
Figure 106. Ordering information scheme
ST72
F
325
K
6
T
6
Family
ST7 microcontroller family
Memory type
F: Flash
Blank : ROM
P = FASTROM
Memory size
4 = 16K
6 = 32K
7 = 48K
9 = 60K
Package
T = LQFP
B = DIP
Example:
No. of pins
K = 32
J = 44 or 42
S or C = 48
AR = 64 (LQFP64 10x10 package)
R = 64 (LQFP64 14x14 package)
Sub-family
325
Temperature range
6 = -40 °C to 85 °C
3 = -40 °C to 125 °C
For a list of available options (e.g. memory size, package) and orderable part numbers or for further information
on any aspect of this device, please contact the ST Sales Office nearest to you.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com