Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72325AR9B3 Datasheet(PDF) 196 Page - STMicroelectronics

Part # ST72325AR9B3
Description  8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72325AR9B3 Datasheet(HTML) 196 Page - STMicroelectronics

Back Button ST72325AR9B3 Datasheet HTML 189Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 190Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 191Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 192Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 193Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 194Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 195Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 196Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 197Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 196 / 197 page
background image
ST72325xx
196/197
16 REVISION HISTORY
Table 33. Revision History
Date
Revision
Description of Changes
26-Sep-2005
1
Initial release
04-Dec-2006
2
Modified LQFP48 pinout, added S device ordering information
Modified Note 4 on page 16 for unbonded pins in 48 pin C devices
Added caution about reset vector in unprogrammed Flash devices in Section 6.3.
Removed EMC protective circuitry in Figure 88 on page 163 (device works correctly without
these components)
Modified SS min. setup time and added note 4 to section 12.11.1 on page 166
Modifed description PKG1 bit in “FLASH OPTION BYTES” on page 181
Added “TIMD set simultaneously with OC interrupt” on page 194
04-Apr-2007
3
In Table 2 added note 5 for I/O Port E2 (PE2) output mode “pull-up always activated” and
added note 6 on connection of power and ground pins.
Deleted the sentence in Section 4.3.1 ‘Readout protection is not supported if LVD is enabled
Added Package dimensions for LQFP64 14 x14 in Figure 122
Specified EMI data for LQFP64 in Section 12.7.2
Added ‘Pull-up always active on PE2’ in Section 15.1.8
07-Oct-2008
4
Title of the document changed
Modified Table 1 on page 1
Modified “Starting the Conversion” on page 133
Modified tRET and NRW values in “FLASH Memory” on page 155
Modified “Absolute Maximum Ratings (Electrical Sensitivity)” on page 158
Values in inches rounded to 4 decimal digits (instead of 3) in “PACKAGE MECHANICAL DA-
TA” on page 174
Removed reference to “Application with a Crystal or Ceramic Resonator for ROM (LQFP64
or any 48/60K ROM)” on page 151
Modified “PACKAGE CHARACTERISTICS” on page 174 (Section 13.3)
Modified “TIMD set simultaneously with OC interrupt” on page 194
Modified Section 14.2 DEVICE ORDERING INFORMATION AND TRANSFER OF CUS-
TOMER CODE on page 183 (Figure 106 and option lists)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com