Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8378E Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # MPC8378E
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378E Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button MPC8378E Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 127 page
background image
MPC8378E PowerQUICC II Pro Processor Hardware Specifications, Rev. 4
110
Freescale Semiconductor
Clocking
Table 70 provides the operating frequencies for the TePBGA II package under recommended operating
conditions (see Table 3).
22.1
System PLL Configuration
The system PLL is controlled by the RCWLR[SPMF] parameter. The system PLL VCO frequency
depends on RCWLR[DDRCM] and RCWLR[LBCM]. Table 71 shows the multiplication factor encodings
for the system PLL.
NOTE
If RCWLR[DDRCM] and RCWLR[LBCM] are both cleared, the system
PLL VCO frequency = (CSB frequency)
× (System PLL VCO Divider).
If either RCWLR[DDRCM] or RCWLR[LBCM] are set, the system PLL
VCO frequency = 2
× (CSB frequency) × (System PLL VCO Divider).
The VCO divider needs to be set properly so that the System PLL VCO
frequency is in the range of 400–800 MHz.
Table 70. Operating Frequencies for TePBGA II
Parameter 1
1
The CLKIN frequency, RCWLR[SPMF], and RCWLR[COREPLL] settings must be chosen such that the resulting csb_clk,
MCK, LCLK[0:2], and core_clk frequencies do not exceed their respective maximum or minimum operating frequencies. The
value of SCCR[xCM] must be programmed such that the maximum internal operating frequency of the Security core, USB
modules, SATA, and eSDHC will not exceed their respective value listed in this table.
Minimum Operating
Frequency (MHz)
Maximum Operating
Frequency (MHz)
e300 core frequency (core_clk)333
800
Coherent system bus frequency (csb_clk)133
400
DDR2 memory bus frequency (MCK) 2
2
The DDR data rate is 2
× the DDR memory bus frequency.
125
200
DDR1 memory bus frequency (MCK) 2
167
333
Local bus frequency (LCLKn) 3
3
The local bus frequency is ½, ¼, or 1/8 of the lbiu_clk frequency (depending on LCRR[CLKDIV]) which is in turn 1× or 2× the
csb_clk frequency (depending on RCWLR[LBCM]).
—133
Local bus controller frequency (lbc_clk)—
400
PCI input frequency (CLKIN or PCI_CLK)
25
66
eTSEC frequency
—
400
Security encryption controller frequency
—
200
USB controller frequency
—
200
eSDHC controller frequency
—
200
PCI Express controller frequency
—
400
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com