Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8544E Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # MPC8544E
Description  Integrated Processor Hardware Specifications
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544E Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button MPC8544E Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 117 page
background image
MPC8544E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
102
Freescale Semiconductor
Thermal
Heat sinks are attached to the package by means of a spring clip to holes in the printed-circuit board (see
Figure 61). Therefore, the synthetic grease offers the best thermal performance, especially at the low
interface pressure.
Figure 63. Thermal Performance of Select Thermal Interface Materials
The system board designer can choose between several types of thermal interface. There are several
commercially-available thermal interfaces provided by the following vendors:
Chomerics, Inc. 781-935-4850
77 Dragon Ct.
Woburn, MA 01801
Internet: www.chomerics.com
Dow-Corning Corporation800-248-2481
Corporate Center
P.O.Box 999
Midland, MI 48686-0997
Internet: www.dow.com
Shin-Etsu MicroSi, Inc.888-642-7674
10028 S. 51st St.
Phoenix, AZ 85044
Internet: www.microsi.com
The Bergquist Company800-347-4572
18930 West 78th St.
0
0.5
1
1.5
2
0
1020
30
4050
607080
Silicone Sheet (0.006 in.)
Bare Joint
Floroether Oil Sheet (0.007 in.)
Graphite/Oil Sheet (0.005 in.)
Synthetic Grease
Contact Pressure (psi)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com