Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4808B-2 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4808B-2
Description  High Performance Dual Ended PWM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808B-2 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4808B-2 Datasheet HTML 1Page - Semtech Corporation SC4808B-2 Datasheet HTML 2Page - Semtech Corporation SC4808B-2 Datasheet HTML 3Page - Semtech Corporation SC4808B-2 Datasheet HTML 4Page - Semtech Corporation SC4808B-2 Datasheet HTML 5Page - Semtech Corporation SC4808B-2 Datasheet HTML 6Page - Semtech Corporation SC4808B-2 Datasheet HTML 7Page - Semtech Corporation SC4808B-2 Datasheet HTML 8Page - Semtech Corporation SC4808B-2 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
www.semtech.com
SC4808B-2
High Performance Dual
Ended PWM Controller
POWER MANAGEMENT
Revision: Dec. 9, 2009
Description
Features
Applications
Typical Application Circuit
u 120µA starting current
u Pulse by pulse current limit
u Programmable operation up to 1MHz
u Internal soft start
u Programmable line undervoltage lockout
u Over current shutdown
u Dual output drive stages on push-pull configuration
u Programmable internal slope compensation
u Programmable mode of operation (peak current mode
or voltage mode)
u External frequency synchronization
u Bi-phase mode of operation
u -40 to 105 °C operating temperature
u MSOP-10 Lead-free package. This product is fully WEEE
and RoHS compliant
u Telecom equipment and power supplies
u Networking power supplies
u Industrial power supplies
u Push-pull converter
u Half bridge converter
u Full bridge converter
u Isolated VRM’s
Vo
Vin
RSENSE
Gnd_Out
SYNC
Gnd_In
FB
GND
REF
LUVLO
OUTA
OUTB
CS
VCC
SYNC
RC
SC4808
The SC4808B-2 is a dual-ended, high frequency, integrated
PWM controller, optimized for isolated applications that
require minimum space. It can be configured for current
or voltage mode operation with required control circuitry
where secondary side error amplifier is used.
Some of the key features are high frequency operation of
1 MHz that allows the use of smaller components thus
saving cost and valuable board space. An internal ramp
on the Current Sense pin allows Internal Slope
Compensation programmed by an external resistor. Other
features include programmable frequency up to 1MHz,
Pulse by Pulse current and Line Monitoring Input with
Hysteresis to reduce stress on the power components.
A unique oscillator is used to synchronize two SC4808B-
2’s to work out of phase. This minimizes the input and
output ripple thus reducing noise on the output line and
reducing stress and size of input/output filter components.
The dual outputs can be configured in Push-Pull, Half Bridge
and Full Bridge format with programmable dead time
between two outputs depending on the size of the timing
components.
The SC4808B-2 also features a turn on threshold of 4.4V
and is available in MSOP-10 package.


Similar Part No. - SC4808B-2

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4808B-2 SEMTECH-SC4808B-2 Datasheet
439Kb / 28P
High Performance Dual Ended PWM Controller
SC4808B-2MSTRT SEMTECH-SC4808B-2MSTRT Datasheet
439Kb / 28P
High Performance Dual Ended PWM Controller
More results

Similar Description - SC4808B-2

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4808A SEMTECH-SC4808A Datasheet
468Kb / 31P
High Performance Dual Ended PWM Controller
SC4808C SEMTECH-SC4808C Datasheet
381Kb / 24P
High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2 Datasheet
439Kb / 28P
High Performance Dual Ended PWM Controller
SC4808B-1 SEMTECH-SC4808B-1 Datasheet
439Kb / 28P
High Performance Dual Ended PWM Controller
logo
IXYS Corporation
IXMS150PSI IXYS-IXMS150PSI Datasheet
464Kb / 10P
High Performance Dual PWM Microstepping Controller
logo
Semtech Corporation
SC4808A SEMTECH-SC4808A_16 Datasheet
473Kb / 31P
High Performance Dual Ended PWM Controller
logo
E-CMOS Corporation
EC3228 E-CMOS-EC3228 Datasheet
846Kb / 16P
High-Performance PWM Controller
logo
TECHCODE SEMICONDUCTOR,...
TD1728 TECHCODE-TD1728 Datasheet
530Kb / 17P
High-Performance PWM Controller
TD1730 TECHCODE-TD1730 Datasheet
677Kb / 17P
High-Performance PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1468 HMSEMI-HM1468 Datasheet
2Mb / 16P
High-Performance PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com