Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4808B-2 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC4808B-2
Description  High Performance Dual Ended PWM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808B-2 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC4808B-2 Datasheet HTML 6Page - Semtech Corporation SC4808B-2 Datasheet HTML 7Page - Semtech Corporation SC4808B-2 Datasheet HTML 8Page - Semtech Corporation SC4808B-2 Datasheet HTML 9Page - Semtech Corporation SC4808B-2 Datasheet HTML 10Page - Semtech Corporation SC4808B-2 Datasheet HTML 11Page - Semtech Corporation SC4808B-2 Datasheet HTML 12Page - Semtech Corporation SC4808B-2 Datasheet HTML 13Page - Semtech Corporation SC4808B-2 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
© 2009 Semtech Corp.
www.semtech.com
SC4808B-2
POWER MANAGEMENT
age divider provides a 3X amplification of the CS signal.
This is used for comparison to the external error amplifier
signal. If an external resistor is connected from CS to the
current sense resistor, the internal current source will pro-
vide a programmable slope compensation. The value of
the resistor will determine the level of compensation. At
higher compensation levels, voltage mode of operation can
be achieved. The error amplifier signal at the FB pin will be
used in conjunction with the CS signal to achieve regula-
tion.
Two levels of undervoltage lockout are also available. The
LUVLO (line under voltage lockout) pin via an external re-
sistive divider will program the undervoltage lockout level.
During the LUVLO, the driver outputs are disabled and the
softstart is reset.
Once VCC has exceeded the UVLO (VCC under voltage lock-
out) limit, the internal reference, oscillator, drivers and logic
are powered up.
SYNC is a positive edge triggered input with a threshold
set to 1.0V.
By connecting an external control signal to the SYNC pin,
the internal oscillator frequency will be synchronized to the
positive edge of the external control signal. In a single con-
troller operation, SYNC should be grounded or connected
to an external synchronization clock within the SYNC fre-
quency range (see page 3).
In the Bi-phase operation mode a very unique oscillator
is utilized to allow two SC4808B-2 to be synchronized
together and work out of phase. This feature is setup by
simple connection of the SYNC input to the RC pin of the
other part. The fastest oscillator automatically becomes
the master, forcing the two PWMs to operate out of
phase. This feature minimizes the input and output
ripples, and reduces stress on the capacitors.
THEORY OF OPERATION
The SC4808B-2 is a versatile double ended, high speed,
low power, pulse width modulator that is optimized for ap-
plications requiring minimum space.
The device contains all of the control and drive circuity re-
quired for isolated or non isolated power supplies where
an external error amplifier is used. A fixed oscillator fre-
quency (up to 1MHz) can be programmed by an external
RC network.
The SC4808B-2 is a peak current or voltage mode
controller, depending on the amount of slope
compensation, programmable with only one external
resistor. The cycle by cycle peak current limit prevents core
saturation when a transformer is used for isolation while
the overcurrent circuitry initiates the softstart cycle.
The SC4808B-2 dual output drive stages are arranged in a
push-pull configuration. Both outputs switch at half the
oscillator frequency using a toggle flip flop. The dead time
between the two outputs is programmable depending on
the values of the timing capacitor and resistors, thus limiting
each output stage duty cycle to less than 50%.
The SC4808B-2 also provides flexibility with programmable
LUVLO thresholds, with built-in hysteresis.
SUPPLY
A single supply, VCC is used to provide the bias for the
internal reference, oscillator, drivers, and logic circuitry of
SC4808B-2. To ensure proper operation during start up,
VCC slew rate of less than 10V/mS is recommended.
PWM CONTROLLER
SC4808B-2 is a double ended PWM controller that can be
used in voltage or current mode applications. The
SC4808B-2 provides a 4.4V VCC UVLO, and a 3.125V ref-
erence. The oscillator frequency is programmed by a resis-
tor and a capacitor network connected to an external refer-
ence provided by the SC4808B-2. The two outputs, OUTA
and OUTB, are 180 degrees out of phase and run at half of
the oscillator frequency.
An external error amplifier will provide the error signal to
the FB pin of the SC4808B-2.
The current sense input and internal slope compensation
are both provided via the CS pin. The current sense input
from a sense resistor is used for the peak current and
overcurrent comparators. An internal 1 to 3 feedback volt-
Application Information


Similar Part No. - SC4808B-2

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4808B-2 SEMTECH-SC4808B-2 Datasheet
439Kb / 28P
High Performance Dual Ended PWM Controller
SC4808B-2MSTRT SEMTECH-SC4808B-2MSTRT Datasheet
439Kb / 28P
High Performance Dual Ended PWM Controller
More results

Similar Description - SC4808B-2

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4808A SEMTECH-SC4808A Datasheet
468Kb / 31P
High Performance Dual Ended PWM Controller
SC4808C SEMTECH-SC4808C Datasheet
381Kb / 24P
High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2 Datasheet
439Kb / 28P
High Performance Dual Ended PWM Controller
SC4808B-1 SEMTECH-SC4808B-1 Datasheet
439Kb / 28P
High Performance Dual Ended PWM Controller
logo
IXYS Corporation
IXMS150PSI IXYS-IXMS150PSI Datasheet
464Kb / 10P
High Performance Dual PWM Microstepping Controller
logo
Semtech Corporation
SC4808A SEMTECH-SC4808A_16 Datasheet
473Kb / 31P
High Performance Dual Ended PWM Controller
logo
E-CMOS Corporation
EC3228 E-CMOS-EC3228 Datasheet
846Kb / 16P
High-Performance PWM Controller
logo
TECHCODE SEMICONDUCTOR,...
TD1728 TECHCODE-TD1728 Datasheet
530Kb / 17P
High-Performance PWM Controller
TD1730 TECHCODE-TD1730 Datasheet
677Kb / 17P
High-Performance PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1468 HMSEMI-HM1468 Datasheet
2Mb / 16P
High-Performance PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com