Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N3904 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # 2N3904
Description  NPN Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

2N3904 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  2N3904 Datasheet HTML 1Page - KODENSHI_AUK CORP. 2N3904 Datasheet HTML 2Page - KODENSHI_AUK CORP. 2N3904 Datasheet HTML 3Page - KODENSHI_AUK CORP. 2N3904 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-T0A033-000
1
2N3904
NPN Silicon Transistor
PIN Connection
C
B
E
TO-92
Descriptions
• General small signal application
• Switching application
Features
• Low collector saturation voltage
• Collector output capacitance
• Complementary pair with 2N3906
Ordering Information
Type NO.
Marking
Package Code
2N3904
2N3904
TO-92
Absolute maximum ratings
Ta=25
°C
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
60
V
Collector-Emitter voltage
VCEO
40
V
Emitter-base voltage
VEBO
6
V
Collector current
IC
200
mA
Collector dissipation
PC
625
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55~150
°C
Electrical Characteristics
Ta=25
°C
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=10μA, IE=0
60
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=1mA, IB=0
40
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=10μA, IC=0
6
-
-
V
Collector cut-off current
ICEX
VCE=30V, VEB=3V
-
-
50
nA
DC current gain
hFE
VCE=1V, IC=10mA
100
-
300
-
Collector-Emitter saturation voltage
VCE(sat)
IC=50mA, IB=5mA
-
-
0.3
V
Transition frequency
fT
VCE=20V, IC=10mA,
f=100MHz
300
-
-
MHz
Collector output capacitance
Cob
VCB=5V, IE=0, f=1MHz
-
-
4
pF
Delay time
td
-
-
35
ns
Rise time
tr
VCC=3Vdc, VBE(off)=0.5Vdc.
IC=10mAdc, IB1=1mAdc
-
-
35
ns
Storage time
ts
-
-
200
ns
Fall Time
tf
VCC=3Vdc,IC=10mAdc,
IB1=IB2=1mAdc
-
-
50
ns


Similar Part No. - 2N3904

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
KEC(Korea Electronics)
2N3904 KEC-2N3904 Datasheet
56Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR
logo
AUK corp
2N3904 AUK-2N3904 Datasheet
52Kb / 3P
   NPN Silicon Transistor (General small signal application)
logo
Central Semiconductor C...
2N3904 CENTRAL-2N3904 Datasheet
323Kb / 2P
   NPN SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904 Datasheet
69Kb / 3P
   NPN Silicon General Purpose Transistor
More results

Similar Description - 2N3904

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com