Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX2644 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2644
Description  2.4GHz SiGe, High IP3 Low-Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2644 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2644_03 Datasheet HTML 1Page - Maxim Integrated Products MAX2644_03 Datasheet HTML 2Page - Maxim Integrated Products MAX2644_03 Datasheet HTML 3Page - Maxim Integrated Products MAX2644_03 Datasheet HTML 4Page - Maxim Integrated Products MAX2644_03 Datasheet HTML 5Page - Maxim Integrated Products MAX2644_03 Datasheet HTML 6Page - Maxim Integrated Products MAX2644_03 Datasheet HTML 7Page - Maxim Integrated Products MAX2644_03 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EVALUATION
KIT
AVAILABLE
2.4GHz SiGe,
High IP3 Low-Noise Amplifier
________________________________________________________________ Maxim Integrated Products
1
19-1786; Rev 1; 11/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
GND
VCC
RFIN
16
RFOUT
5
GND
BIAS
MAX2644
SC70-6
TOP VIEW
2
34
Pin Configuration
MAX2644
GND
BIAS
RBIAS
1.2k
RF OUTPUT
RF INPUT
VCC
VCC
RFOUT
RFIN
C1
33pF
L1
3.3nH
BIAS
Typical Operating Circuit
General Description
The MAX2644 low-cost, high third-order intercept point
(IP3) low-noise amplifier (LNA) is designed for applica-
tions in 2.4GHz WLAN, ISM, and Bluetooth radio sys-
tems. It features a programmable bias, allowing the
input IP3 and supply current to be optimized for specif-
ic applications. The LNA provides up to +1dBm input
IP3 while maintaining a low noise figure of 2.0dB and a
typical gain of 16dB.
The MAX2644 is designed on a low-noise, advanced
silicon-germanium (SiGe) technology. It operates with a
+2.7V to +5.5V single supply and is available in an
ultra-small 6-pin SC70 package.
________________________Applications
Bluetooth
802.11 WLAN
Home RF
Satellite CD Radio
2.4GHz ISM Band Radios
2.4GHz Cordless Phones
Wireless Local Loop (WLL)
Features
o Low Noise Figure (2.0dB at 2450MHz)
o High Gain: 16dB
o Adjustable IP3 and Bias Current
o Low-Power Standby Mode
o On-Chip Output Matching
o +2.7V to +5.5V Single-Supply Operation
o Ultra-Small 6-Pin SC70 Package
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX2644EXT-T
-40
°C to +85°C
6 SC70
AAG


Similar Part No. - MAX2644_03

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2644EVKIT MAXIM-MAX2644EVKIT Datasheet
119Kb / 3P
Evaluation Kit
Rev 0; 3/01
MAX2644EXT-T MAXIM-MAX2644EXT-T Datasheet
162Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2644 MAXIM-MAX2644_1 Datasheet
119Kb / 3P
Evaluation Kit
Rev 0; 3/01
More results

Similar Description - MAX2644_03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3424 INTERSIL-HFA3424 Datasheet
43Kb / 5P
2.4GHz - 2.5GHz Low Noise Amplifier
January 1997
logo
Maxim Integrated Produc...
MAX2642 MAXIM-MAX2642 Datasheet
238Kb / 16P
900MHz SiGe, High IP3, Low-Noise Amplifiers
19-1682; Rev 0; 4/00
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2247 MAXIM-MAX2247 Datasheet
770Kb / 10P
2.4GHz SiGe Linear Power Amplifier
Rev 4; 8/03
logo
Renesas Technology Corp
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
SiGe MMIC High Frequency Low Noise Amplifier
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
SiGe MMIC High Frequency Low Noise Amplifier
logo
Maxim Integrated Produc...
MAX2247 MAXIM-MAX2247_09 Datasheet
159Kb / 10P
2.4GHz SiGe Linear Power Amplifier
Rev 5; 1/09
logo
Analog Devices
HMC465LP5 AD-HMC465LP5 Datasheet
1Mb / 8P
GaAs pHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER
HMC639ST89 AD-HMC639ST89 Datasheet
351Kb / 6P
HIGH IP3, LOW NOISE AMPLIFIER
logo
Maxim Integrated Produc...
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com