Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX2644 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2644
Description  2.4GHz SiGe, High IP3 Low-Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2644 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2644_03 Datasheet HTML 1Page - Maxim Integrated Products MAX2644_03 Datasheet HTML 2Page - Maxim Integrated Products MAX2644_03 Datasheet HTML 3Page - Maxim Integrated Products MAX2644_03 Datasheet HTML 4Page - Maxim Integrated Products MAX2644_03 Datasheet HTML 5Page - Maxim Integrated Products MAX2644_03 Datasheet HTML 6Page - Maxim Integrated Products MAX2644_03 Datasheet HTML 7Page - Maxim Integrated Products MAX2644_03 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2.4GHz SiGe,
High IP3 Low-Noise Amplifier
_______________________________________________________________________________________
3
Typical Operating Characteristics
(PRFIN = -30dBm, ZS = ZL = 50
Ω, VCC = +3.0V, fRFIN = 2450MHz, RBIAS = 1.2kΩ, TA = +25°C, unless otherwise noted.)
0
4
2
8
6
12
10
14
2.5
3.5
4.0
3.0
4.5
5.0
5.5
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = +25
°C
TA = -40
°C
TA = +85
°C
RBIAS = 1.2k
13
15
14
17
16
18
19
0.5
2.0
2.5
1.0
1.5
3.0
3.5
4.0
GAIN vs. RBIAS
RBIAS (k
Ω)
TA = -40
°C
TA = +85
°C
TA = +25
°C
-20
-14
-16
-18
-12
-10
-8
-6
-4
-2
0
2200
2400
2300
2500
2600
2700
INPUT AND OUTPUT RETURN LOSS
vs. FREQUENCY
FREQUENCY (MHz)
OUTPUT RETURN LOSS
RBIAS = 1.2k
INPUT RETURN LOSS
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2350
2400
2450
2500
2550
NOISE FIGURE vs. FREQUENCY
FREQUENCY (MHz)
RBIAS = 1.2k
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-40
-15
10
35
60
85
NOISE FIGURE vs. TEMPERATURE
TEMPERATURE (
°C)
RBIAS = 1.2k
10
13
12
11
14
15
16
17
18
19
20
2200
2400
2300
2500
2600
2700
GAIN vs. FREQUENCY
FREQUENCY (MHz)
TA = -40
°C
TA = +85
°C
TA = +25
°C
RBIAS = 1.2k
-50
-40
-45
-30
-35
-25
-20
2200
2400
2300
2500
2600
2700
REVERSE ISOLATION vs. FREQUENCY
FREQUENCY (MHz)
TA = +25
°C
TA = +85
°C
RBIAS = 1.2k
TA = -40
°C
1
5
3
9
7
11
13
0.5
2.0
2.5
1.0
1.5
3.0
3.5
4.0
SUPPLY CURRENT vs. RBIAS
RBIAS (k
Ω)
TA = +25
°C
TA = +85
°C
TA = -40
°C
12
15
14
13
16
17
18
19
20
21
22
2.5
3.5
3.0
4.0
4.5
5.0
5.5
GAIN vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = +25
°C
RBIAS = 1.2k
TA = +85
°C
TA = -40
°C


Similar Part No. - MAX2644_03

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2644EVKIT MAXIM-MAX2644EVKIT Datasheet
119Kb / 3P
Evaluation Kit
Rev 0; 3/01
MAX2644EXT-T MAXIM-MAX2644EXT-T Datasheet
162Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2644 MAXIM-MAX2644_1 Datasheet
119Kb / 3P
Evaluation Kit
Rev 0; 3/01
More results

Similar Description - MAX2644_03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3424 INTERSIL-HFA3424 Datasheet
43Kb / 5P
2.4GHz - 2.5GHz Low Noise Amplifier
January 1997
logo
Maxim Integrated Produc...
MAX2642 MAXIM-MAX2642 Datasheet
238Kb / 16P
900MHz SiGe, High IP3, Low-Noise Amplifiers
19-1682; Rev 0; 4/00
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2247 MAXIM-MAX2247 Datasheet
770Kb / 10P
2.4GHz SiGe Linear Power Amplifier
Rev 4; 8/03
logo
Renesas Technology Corp
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
SiGe MMIC High Frequency Low Noise Amplifier
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
SiGe MMIC High Frequency Low Noise Amplifier
logo
Maxim Integrated Produc...
MAX2247 MAXIM-MAX2247_09 Datasheet
159Kb / 10P
2.4GHz SiGe Linear Power Amplifier
Rev 5; 1/09
logo
Analog Devices
HMC465LP5 AD-HMC465LP5 Datasheet
1Mb / 8P
GaAs pHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER
HMC639ST89 AD-HMC639ST89 Datasheet
351Kb / 6P
HIGH IP3, LOW NOISE AMPLIFIER
logo
Maxim Integrated Produc...
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com