Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX2644EXT-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2644EXT-T
Description  2.4GHz SiGe, High IP3 Low-Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2644EXT-T Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX2644EXT-T Datasheet HTML 1Page - Maxim Integrated Products MAX2644EXT-T Datasheet HTML 2Page - Maxim Integrated Products MAX2644EXT-T Datasheet HTML 3Page - Maxim Integrated Products MAX2644EXT-T Datasheet HTML 4Page - Maxim Integrated Products MAX2644EXT-T Datasheet HTML 5Page - Maxim Integrated Products MAX2644EXT-T Datasheet HTML 6Page - Maxim Integrated Products MAX2644EXT-T Datasheet HTML 7Page - Maxim Integrated Products MAX2644EXT-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2.4GHz SiGe,
High IP3 Low-Noise Amplifier
_______________________________________________________________________________________
7
Table 3. MAX2644 Typical Scattering Parameters
(RBIAS = 3.9k
Ω, VCC = +3.0V, TA = +25°C.)
FREQ.
(MHz)
S11
MAG
S11 PHASE
(DEGREES)
S21
MAG
S21 PHASE
(DEGREES)
S12
MAG
S12 PHASE
(DEGREES)
S22
MAG
S22 PHASE
(DEGREES)
2200
0.4894
-75.32
3.7368
-173.73
0.0348
156.35
0.2729
-62.97
2250
0.4566
-72.73
3.7718
-177.51
0.0363
147.30
0.2459
-53.68
2300
0.4335
-68.17
3.8855
177.43
0.0369
132.32
0.2211
-41.12
2350
0.4343
-61.46
3.9783
171.34
0.0344
116.21
0.2177
-21.15
2400
0.4695
-57.00
4.0230
165.15
0.0272
95.31
0.2823
-2.41
2450
0.5156
-57.52
4.0087
157.68
0.0179
70.07
0.3924
1.25
2500
0.5403
-61.04
3.8380
149.58
0.0079
42.40
0.4849
-2.71
2550
0.5423
-63.93
3.5140
143.30
0.0018
-46.47
0.5476
-7.30
2600
0.5361
-66.30
3.2048
140.25
0.0055
-112.91
0.5881
-11.35
2650
0.5280
-68.08
3.1204
138.55
0.0100
-132.25
0.6170
-14.57
2700
0.5217
-69.29
3.0860
132.16
0.0121
-133.97
0.6418
-17.44
Table 4. MAX2644 Typical Noise
Parameters at VCC = +3.0V, TA = +25°C,
RBIAS = 750
FREQUENCY
(MHz)
FMIN
(dB)
Γopt
Γopt
ANGLE
RN
(
Ω)
2400
1.725
0.361
66.13
24.38
2450
1.747
0.360
66.93
24.76
2500
1.769
0.358
67.72
25.14
Table 5. MAX2644 Typical Noise
Parameters at VCC = +3.0V, TA = +25°C,
RBIAS = 1.2k
FREQUENCY
(MHz)
FMIN
(dB)
Γopt
Γopt
ANGLE
RN
(
Ω)
2400
1.570
0.409
69.84
21.77
2450
1.589
0.408
70.63
21.94
2500
1.609
0.406
71.63
22.42
Table 6. MAX2644 Typical Noise
Parameters at VCC = +3.0V, TA = +25°C,
RBIAS = 3.9k
FREQUENCY
(MHz)
FMIN
(dB)
Γopt
Γopt
ANGLE
RN
(
Ω)
2400
1.497
0.510
86.55
20.58
2450
1.517
0.507
86.50
20.90
2500
1.538
0.504
88.18
21.25
Chip Information
TRANSISTOR COUNT: 87


Similar Part No. - MAX2644EXT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2644EXT-T MAXIM-MAX2644EXT-T Datasheet
162Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
More results

Similar Description - MAX2644EXT-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3424 INTERSIL-HFA3424 Datasheet
43Kb / 5P
2.4GHz - 2.5GHz Low Noise Amplifier
January 1997
logo
Maxim Integrated Produc...
MAX2642 MAXIM-MAX2642 Datasheet
238Kb / 16P
900MHz SiGe, High IP3, Low-Noise Amplifiers
19-1682; Rev 0; 4/00
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2247 MAXIM-MAX2247 Datasheet
770Kb / 10P
2.4GHz SiGe Linear Power Amplifier
Rev 4; 8/03
logo
Renesas Technology Corp
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
SiGe MMIC High Frequency Low Noise Amplifier
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
SiGe MMIC High Frequency Low Noise Amplifier
logo
Maxim Integrated Produc...
MAX2247 MAXIM-MAX2247_09 Datasheet
159Kb / 10P
2.4GHz SiGe Linear Power Amplifier
Rev 5; 1/09
logo
Analog Devices
HMC465LP5 AD-HMC465LP5 Datasheet
1Mb / 8P
GaAs pHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER
HMC639ST89 AD-HMC639ST89 Datasheet
351Kb / 6P
HIGH IP3, LOW NOISE AMPLIFIER
logo
Maxim Integrated Produc...
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com