Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC667201MMG2 Datasheet(PDF) 117 Page - Freescale Semiconductor, Inc

Part # SC667201MMG2
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC667201MMG2 Datasheet(HTML) 117 Page - Freescale Semiconductor, Inc

Back Button SC667201MMG2 Datasheet HTML 112Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 113Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 114Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 115Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 116Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 117Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 118Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 119Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 120Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 117 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
Freescale Semiconductor
117
Document revision history
6
Document revision history
Table 51 summarizes customer facing revisions to this document.
Table 51. Revision history
Date
Revision
Substantive changes
05 Oct 2010
1
Initial release
26 Mar 2012
2
Figure 1 (MPC5642A series block diagram), added ECSM block and its definition in the
elegend.
Table 2 (MPC5642A series block summary), added the following blocks: REACN, SIU,
ECSM, FMPLL, PIT and SWT.
Updated Table 8 (Absolute maximum ratings)
In 3, Electrical characteristics, deleted the “Recommended operating conditions”
subsection.
Table 14 (PMC operating conditions and external regulators supply voltage), removed
minimum value of VDDREG and its footnote.
Updated Table 15 (PMC electrical characteristics)
Updated Section 3.6.1, Regulator example
Updated Table 20 (DC electrical specifications)
Figure 8 (Core voltage regulator controller external components preferred
configuration), added “T1” label to indicate the transistor.
Table 20 (DC electrical specifications), changed maximum value of VIL_LS to 0.9, was
1.1
Table 21 (I/O pad average IDDE specifications), in the VDDE column changed all 5.5 to
5.25
Table 24 (DSPI LVDS pad specification):
Renamed VOC, was VOD
Updated minimum and maximum value of VOC
deleted all footnote
Table 26 (Temperature sensor electrical characteristics), updated minimum and
maximum value of accuracy
Updated Section 3.12, eQADC electrical characteristics
Added Section 3.13, Configuring SRAM wait states
Updated Table 31 (APC, RWSC, WWSC settings vs. frequency of operation)
Updated Table 32 (Flash program and erase specifications)
Table 31 (APC, RWSC, WWSC settings vs. frequency of operation), changed all values
in the WWSC column to 0b01.
Updated Table 32 (Flash program and erase specifications)
Table 33 (Flash EEPROM module life):
updated temperature value in the Retention description (was 150
C, is 85 C)
added values for Retention
Table 34 (Pad AC specifications (VDDE =4.75 V)):
changed maximum value of Medium to 12/12
changed maximum value of Slow to 20/20
Updated Table 35 (Pad AC specifications (VDDE = 3.0 V))
Table 37 (JTAG pin AC electrical characteristics):
changed all parameter classification to D
changed minumum value of tTMSS, tTDIS to 10
Updated Table 38 (Nexus debug port timing)
Added Table 39 (Nexus debug port operating frequency)
Table 39 (Nexus debug port operating frequency), added a footnote near the value of
tAAI
Table 44 (eMIOS timing):
changed minumum value of tMOPW to 1
removed the footnote of tMOPW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com