Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6680 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6680
Description  High Efficiency Buck/Boost Charge Pump Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6680 Datasheet(HTML) 10 Page - Sipex Corporation

  SP6680 Datasheet HTML 1Page - Sipex Corporation SP6680 Datasheet HTML 2Page - Sipex Corporation SP6680 Datasheet HTML 3Page - Sipex Corporation SP6680 Datasheet HTML 4Page - Sipex Corporation SP6680 Datasheet HTML 5Page - Sipex Corporation SP6680 Datasheet HTML 6Page - Sipex Corporation SP6680 Datasheet HTML 7Page - Sipex Corporation SP6680 Datasheet HTML 8Page - Sipex Corporation SP6680 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 9 page
background image
10
Date: 5/25/04
SP6680 High Efficiency Buck/Boost Charge Pump Regulator
© Copyright 2004 Sipex Corporation
Output Voltage Ripple with Various Input, Output and Pump Capacitors
From Tables 8, 9 & 10 it appears that increasing pump capacitance will reduce output voltage ripple
the most. But, as we saw previously in Table 7, input voltage ripple increases with increasing pump
capacitance and it is not recommended to use pump capacitors greater than the other capacitor values.
It is therefore recommended to use an output capacitor value equal to or slightly above the pump
capacitor value. Note that for most designs the SP6680 output will be followed by a Low Dropout
Regulator that will greatly reduce the output ripple.
Table 8. Output Voltage Ripple vs Input Capacitance
All Ceramic Capacitors ESR < 0.05ohm
Cout, CF1, CF2 = 2.2uF, Iout = 5mA, CLK = 32kHz
Vin = 3.55V (In Regulation)
Vin = 3.85V (Not in Regulation)
Cin (uF)
Vout Ripple mV (pp)
Vout Ripple mV (pp)
0.47
9 0
5 2
19 2
5 2
2.2
104
5 2
4.7
102
5 2
10
106
52
22
108
52
Table 9. Output Voltage Ripple vs Output Capacitance
All Ceramic Capacitors ESR < 0.05ohm
Cin, CF1, CF2 = 2.2uF, Iout = 5mA, CLK = 32kHz
Vin = 3.55V (In Regulation)
Vin = 3.85V (Not in Regulation)
Cout (uF)
Vout Ripple mV (pp)
Vout Ripple mV (pp)
0.47
102
6 4
1
102
5 8
2.2
104
5 2
4.7
102
4 6
10
104
44
22
102
44
Table 10. Output Voltage Ripple vs Pump Capacitance
All Ceramic Capacitors ESR < 0.05ohm
Cin, Cout = 2.2uF, Iout = 5mA, CLK = 32kHz
Vin = 3.55V (In Regulation)
Vin = 3.85V (Not in Regulation)
CF1, CF2 (uF)
Vout Ripple mV (pp)
Vout Ripple mV (pp)
0.47
365
200
1
172
108
2.2
108
5 2
4.7
9 0
24
10
76
14
22
40
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com