Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5643L Datasheet(PDF) 131 Page - Freescale Semiconductor, Inc

Part # MPC5643L
Description  Qorivva Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5643L Datasheet(HTML) 131 Page - Freescale Semiconductor, Inc

Back Button MPC5643L_12 Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 135Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 136 page
background image
Document revision history
MPC5643L Microcontroller Data Sheet, Rev. 8.1
Freescale Semiconductor
131
6
(cont.)
11 Mar 2011
(cont.)
Added “WKUP/NMI Timing” subsection and “WKUP/NMI Glitch Filter” table to the “AC
timing characteristics” section.
Added “Nexus DDR Mode output timing” table to the “Nexus timing” section.
Removed the “CLKOUT” diagram from the “External interrupt timing (IRQ pin)” section as
it is not relevant.
Corrected an error in the IRQ timing in the “External interrupt timing” figure.
Updated the tSDC parameters in the “DSPI timing” table.
Renamed the “Electromagnetic Interference (EMI) characteristics” section (is
“Electromagnetic Interference (EMI) characteristics (cut1)”) and revised all information
in that section.
In the “Voltage regulator electrical characteristics” section, added the BCX68 from
Infineon to the list of supported transistors.
Revised the “Voltage regulator electrical specifications” table to include cut1 and cut2
information.
Renamed the “Supply current characteristics” section (is “Supply current characteristics
(cut2)”) and revised it to show meaningful data.
In the footnotes of the “Main oscillator electrical characteristics” table, changed
SELMARGIN to XOSC_MARGIN.
In the “ADC conversion characteristics” table:
• Changed “LSB” to “Counts”.
• Created separate rows for the TUE specifications.
Added bullet regarding HALT and STOP in the “Clock, reset, power, mode and test control
modules (MC_CGM, MC_RGM, MC_PCU, and MC_ME)“ subsection of the “Features“
section.
In the “Analog-to-Digital Converter module“ subsection of the “Feature Details” section,
changed “Motor control mode“ to “CTU mode“ to be consistent with the nomenclature
used in the Reference Manual.
Updated the JCOMP entries in the “Pin function summary“ table.
Added footnotes regarding pad pull devices to NMI, TMS, TCK, and JCOMP in the
“System pins“ table.
Added “Time constant of RC filter at LVD input” parameters to the “Main supply LVD (LVD
Main) specifications“ table.
In the “Supply current characteristics (cut2)“ table:
• Changed “IDD_LV_MAX” to “IDD_LV_MAX“;
• Removed all “40-120 MHz” frequency ranges from the “Conditions” column;
• Updated the “Max” values column;
• Added parameter “IDD_LV_TYP +IDD_LV_PLL“ with “P” classification and special footnote;
• Changed all “25
C“ temperature conditions to “ambient”;
• Added “TJ =150 C“ condition to parameters IDD_HV_ADC, IDD_HV_AREF., IDD_HV_OSC,
and IDD_HV_FLASH.
Changed the timing diagram in the “Main oscillator electrical characteristics” section to
reference MTRANS assertion instead of VDDMIN.
Updated the jitter specs in the “FMPLL electrical characteristics“ table.
In the “ADC conversion characteristics“ table, changed all parameters with units of
“counts” to units of “LSB” and updated Min/Max values.
Changed IDD_LV_BIST + IDD_LV_PLL operating current (for both cases) to TBD.
In the “Supply current characteristics (cut2)” section, added a footnote that IDD_HV_ADC
and IDD_HV_AREF represent the total current of both ADCs in the “Current consumption
characteristics” table.
Table 41. Revision history (continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com