Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC56EL60X Datasheet(PDF) 104 Page - STMicroelectronics

Part # SPC56EL60X
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL60X Datasheet(HTML) 104 Page - STMicroelectronics

Back Button SPC56EL60X Datasheet HTML 100Page - STMicroelectronics SPC56EL60X Datasheet HTML 101Page - STMicroelectronics SPC56EL60X Datasheet HTML 102Page - STMicroelectronics SPC56EL60X Datasheet HTML 103Page - STMicroelectronics SPC56EL60X Datasheet HTML 104Page - STMicroelectronics SPC56EL60X Datasheet HTML 105Page - STMicroelectronics SPC56EL60X Datasheet HTML 106Page - STMicroelectronics SPC56EL60X Datasheet HTML 107Page - STMicroelectronics SPC56EL60X Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 160 page
background image
Electrical characteristics
SPC56XL60/54
104/160
Doc ID 15457 Rev 8
3.7
Static latch-up (LU)
Two complementary static tests are required on six parts to assess the latch-up
performance:
●
A supply overvoltage is applied to each power supply pin.
●
A current injection is applied to each input, output and configurable I/O pin.
These tests are compliant with the EIA/JESD 78 IC latch-up standard.
3.8
Voltage regulator electrical characteristics
The voltage regulator is composed of the following blocks:
●
High power regulator HPREG1 (internal ballast to support core current)
●
High power regulator HPREG2 (external NPN to support core current)
●
Low voltage detector (LVD_MAIN_1) for 3.3 V supply to IO (VDDIO)
●
Low voltage detector (LVD_MAIN_2) for 3.3 V supply (VDDREG)
●
Low voltage detector (LVD_MAIN_3) for 3.3 V flash supply (VDDFLASH)
●
Low voltage detector (LVD_DIG_MAIN) for 1.2 V digital core supply (HPVDD)
●
Low voltage detector (LVD_DIG_BKUP) for the self-test of LVD_DIG_MAIN
●
High voltage detector (HVD_DIG_MAIN) for 1.2 V digital CORE supply (HPVDD)
●
High voltage detector (HVD_DIG_BKUP) for the self-test of HVD_DIG_MAIN.
●
Power on Reset (POR)
HPREG1 uses an internal ballast to support the core current. HPREG2 is used only when
external NPN transistor is present on board to supply core current. The MPC5643L always
powers up using HPREG1 if an external NPN transistor is present. Then the MPC5643L
makes a transition from HPREG1 to HPREG2. This transition is dynamic. Once HPREG2 is
fully operational, the controller part of HPREG1 is switched off.
3VESD(CDM)
SR
Electrostatic discharge
(Charged Device Model)
TA =25°C
conforming to AEC-Q100-011
C3A
500
V
750 (corners)
1.
All ESD testing is in conformity with CDF-AEC-Q100 Stress Test Qualification for Automotive Grade Integrated Circuits.
2.
A device will be defined as a failure if after exposure to ESD pulses the device no longer meets the device specification
requirements. Complete DC parametric and functional testing shall be performed per applicable device specification at
room temperature followed by hot temperature, unless specified otherwise in the device specification.
3.
Data based on characterization results, not tested in production.
Table 16.
ESD ratings(1), (2) (continued)
No.
Symbol
Parameter
Conditions
Class Max value(3)
Unit
Table 17.
Latch-up results
No.
Symbol
Parameter
Conditions
Class
1
LU
SR
Static latch-up class
TA = 125 °C conforming to JESD 78
II level A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com