Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC56EL54X Datasheet(PDF) 153 Page - STMicroelectronics

Part # SPC56EL54X
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL54X Datasheet(HTML) 153 Page - STMicroelectronics

Back Button SPC56EL54X Datasheet HTML 149Page - STMicroelectronics SPC56EL54X Datasheet HTML 150Page - STMicroelectronics SPC56EL54X Datasheet HTML 151Page - STMicroelectronics SPC56EL54X Datasheet HTML 152Page - STMicroelectronics SPC56EL54X Datasheet HTML 153Page - STMicroelectronics SPC56EL54X Datasheet HTML 154Page - STMicroelectronics SPC56EL54X Datasheet HTML 155Page - STMicroelectronics SPC56EL54X Datasheet HTML 156Page - STMicroelectronics SPC56EL54X Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 160 page
background image
SPC56XL60/54
Revision history
Doc ID 15457 Rev 8
153/160
23-Mar-2011
6
(continued)
Added symbol “CC” to the description in the “Introduction” section.
Updated “Input leakage current” specs in the “DC electrical characteristics”
table.
Changed TADC_S to Tsample and TADC_C toTconv in the “ADC conversion
characteristics” table and footnotes.
Removed “IINJ” from the “ADC conversion characteristics” table as this is
included in IS1WIKNJ and IS1WWiNJ.
Changed RESET_B to RESET in the "Reset sequence" section.
Added the “Flash memory timing” table.
Added cut2 specs for TDRB and TERLB to the “Reset sequences” table.
Added “WKUP/NMI Timing” subsection and “WKUP/NMI Glitch Filter” table to
the “AC timing characteristics” section.
Added “Nexus DDR Mode output timing” table to the “Nexus timing” section.
Removed the “CLKOUT” diagram from the “External interrupt timing (IRQ pin)”
section as it is not relevant.
Corrected an error in the IRQ timing in the “External interrupt timing” figure.
Updated the tSDC parameters in the “DSPI timing” table.
Renamed the “Electromagnetic Interference (EMI) characteristics” section (is
“Electromagnetic Interference (EMI) characteristics (cut1)”) and revised all
information in that section.
In the “Voltage regulator electrical characteristics” section, added the BCX68
from Infineon to the list of supported transistors.
Revised the “Voltage regulator electrical specifications” table to include cut1
and cut2 information.
Renamed the “Supply current characteristics” section (is “Supply current
characteristics (cut2)”) and revised it to show meaningful data.
In the footnotes of the “Main oscillator electrical characteristics” table, changed
SELMARGIN to XOSC_MARGIN.
In the “ADC conversion characteristics” table:
– Changed “LSB” to “Counts”.
– Created separate rows for the TUE specifications.
Removed the BGA row from the “Temperature” table entry.
Added bullet regarding HALT and STOP in the “Clock, reset, power, mode and
test control modules (MC_CGM, MC_RGM, MC_PCU, and MC_ME)“
subsection of the “Features“ section.
In the “Analog-to-Digital Converter module“ subsection of the “Feature Details”
section, changed “Motor control mode“ to “CTU mode“ to be consistent with
the nomenclature used in the Reference Manual.
Updated the JCOMP entries in the “Pin function summary“ table.
Added footnotes regarding pad pull devices to NMI, TMS, TCK, and JCOMP in
the “System pins“ table.
Added “Time constant of RC filter at LVD input” parameters to the “Main supply
LVD (LVD Main) specifications“ table.
Table 44.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com