Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564L60X Datasheet(PDF) 157 Page - STMicroelectronics

Part # SPC564L60X
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L60X Datasheet(HTML) 157 Page - STMicroelectronics

Back Button SPC564L60X Datasheet HTML 152Page - STMicroelectronics SPC564L60X Datasheet HTML 153Page - STMicroelectronics SPC564L60X Datasheet HTML 154Page - STMicroelectronics SPC564L60X Datasheet HTML 155Page - STMicroelectronics SPC564L60X Datasheet HTML 156Page - STMicroelectronics SPC564L60X Datasheet HTML 157Page - STMicroelectronics SPC564L60X Datasheet HTML 158Page - STMicroelectronics SPC564L60X Datasheet HTML 159Page - STMicroelectronics SPC564L60X Datasheet HTML 160Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 157 / 160 page
background image
SPC56XL60/54
Revision history
Doc ID 15457 Rev 8
157/160
01-Aug-2012
8
(cont.)
–In Section 1.5.31, “eTimer module” changed text from “The MPC5643L
provides three eTimer modules on the 257 MAPBGA device, and two eTimer
modules on the 144 LQFP package” to “The MPC5643L provides three
eTimer modules (on the LQFP package eTimer_2 is available internally only
without any external I/O access)”.
–In Section 3.5, “Electromagnetic Interference (EMI) characteristics”,added
additional information at the end of this section.
–In Section 3.8, Voltage regulator electrical characteristics, added text related
to external ballast transistor.
–In Table 4 and Table 5 (LFBGA257 pin function summary), moved EVTI from
output function to input function.
–In Table 7 (System pins), changed the direction for EXTAL from “Output
Only” to “Input/Output”.
–InTable 7, added table footnote for symbol “EXTAL”.
– Changed the row (TVdd) in Table 9 (Absolute maximum ratings).
–In Table 9, Maximum value for “VDD_HV_IOX” and “VDD_HV_FLA” changed from
“3.6” to “4.0”.
–In Table 21 (Current consumption characteristics), added max value 250 and
290 mA for symbol IDD_LV_BIST+IDD_LV_PLL .
– Added five additional RunIDD parameters in Table 21 (Current consumption
characteristics).
–In Table 22 (Temperature sensor electrical characteristics), changed
condition for parameter “Accuracy” from “-40°C to 25°C” to “-40°C to 150°C”
–In Table 24 (FMPLL electrical characteristics),added ‘150’ to the max value
for ‘fSCM’ In Table 25 (RC oscillator electrical characteristics),changes done
are:
fRC symbol- Added min value ‘15.04’ and max value ‘16.96’.Removed condition
“TJ=25°C”
Removed row containing
RCMVAR symbol.
–In Figure 9, added the name ‘CS’ to the capacitor in the internal circuit
scheme.
– Removed references to Cut1 and Cut2:
Renamed Section ”Electromagnetic Interference (EMI) characteristics (cut1)” to
“Electromagnetic Interference (EMI) characteristics” .
In Table 26 (ADC conversion characteristics), removed reference to cut2 only
for symbol ‘IS1WINJ’ and ‘TUEIS1WWINJ’.
In Section 1.1, Document overview, modified text to remove references to
‘Cut1’.
–In Table 26 (ADC conversion characteristics), for tCONV added ‘60 MHz’ to
‘conditions’ and ‘600’ to the ‘Min’ value.
Separated SNR into two specifications with conditions Vref 3.3 V and 5.0 V
respectively.
Table 44.
Document revision history (continued)
Date
Revision
Changes
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com