| Electronic Components Datasheet Search |
|
SPC56XL60/54 Datasheet(PDF) 127 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56XL60/54 Datasheet(HTML) 127 Page - STMicroelectronics |
|
127 / 160 page ![]() SPC56XL60/54 Electrical characteristics Doc ID 15457 Rev 8 127/160 The reset sequences shown in Figure 16 and Figure 17 are triggered by functional reset events. RESET is driven low during these two reset sequences only if the corresponding functional reset source (which triggered the reset sequence) was enabled to drive RESET low for the duration of the internal reset sequence(c). 3.19.3 Reset sequence trigger mapping The following table shows the possible trigger events for the different reset sequences. It specifies the reset sequence start conditions as well as the reset sequence end indications that are the basis for the timing data provided in Table 32. c. See RGM_FBRE register for more details. Table 33. Reset sequence trigger — reset sequence Reset Sequence Trigger Reset Sequence Start Condition Reset Sequence End Indication Reset Sequence Destructiv e Reset Sequence, BIST enabled(1) Destructiv e Reset Sequence, BIST disabled(1) External Reset Sequenc e Long, BIST enabled Functiona l Reset Sequenc e Long Functiona l Reset Sequenc e Short All internal destructive reset sources (LVDs or internal HVD during power-up and during operation) Section , Destructive reset Release of RESET(2) triggers cannot trigger cannot trigger cannot trigger Assertion of RESET(3) Section , External reset via RESET cannot trigger triggers(4) triggers(5) triggers(6) All internal functional reset sources configured for long reset Sequence starts with internal reset trigger Release of RESET(7) cannot trigger cannot trigger triggers cannot trigger All internal functional reset sources configured for short reset cannot trigger cannot trigger cannot trigger triggers 1. Whether BIST is executed or not depends on the chip configuration data stored in the shadow sector of the NVM. 2. End of the internal reset sequence (as specified in Table 32) can only be observed by release of RESET if it is not held low externally beyond the end of the internal sequence which would prolong the internal reset PHASE3 till RESET is released externally. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |