Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8912GEFL/V Datasheet(PDF) 122 Page - Wolfson Microelectronics plc

Part # WM8912GEFL/V
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912GEFL/V Datasheet(HTML) 122 Page - Wolfson Microelectronics plc

Back Button WM8912GEFL/V Datasheet HTML 118Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 119Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 120Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 121Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 122Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 123Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 124Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 125Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 126Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 128 page
background image
WM8912
Production Data
w
PD, Rev 4.0, September 2010
122
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R138 (8Ah)
EQ5
4:0
EQ_B4_GAIN
[4:0]
0_1100
Gain for EQ band 4
00000 = -12dB
00001 = -11dB
(… 1dB steps)
01100 = 0dB
(… 1dB steps)
11000 = +12dB
11001 to 11111 = reserved
Register 8Ah EQ5
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R139 (8Bh)
EQ6
4:0
EQ_B5_GAIN
[4:0]
0_1100
Gain for EQ band5
00000 = -12dB
00001 = -11dB
(… 1dB steps)
01100 = 0dB
(… 1dB steps)
11000 = +12dB
11001 to 11111 = reserved
Register 8Bh EQ6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R140 (8Ch)
EQ7
15:0
EQ_B1_A
[15:0]
0000_1111
_1100_101
0
EQ Band 1 Coefficient A
Register 8Ch EQ7
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R141 (8Dh)
EQ8
15:0
EQ_B1_B
[15:0]
0000_0100
_0000_000
0
EQ Band 1 Coefficient B
Register 8Dh EQ8
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R142 (8Eh)
EQ9
15:0
EQ_B1_PG
[15:0]
0000_0000
_1101_100
0
EQ Band 1 Coefficient PG
Register 8Eh EQ9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com