Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8978CGEFL/V Datasheet(PDF) 102 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V Datasheet(HTML) 102 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/V Datasheet HTML 98Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 99Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 100Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 101Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 102Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 103Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 104Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 105Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 106Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 118 page
background image
WM8978
Production Data
w
PD, Rev 4.5, October 2011
102
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
4
INVROUT2
0
Mute input to INVROUT2 mixer
Analogue
Outputs
3:1
BEEPVOL
000
AUXR input to ROUT2 inverter gain
000 = -15dB
...
111 = +6dB
Analogue
Outputs
0
BEEPEN
0
0 = mute AUXR beep input
1 = enable AUXR beep input
Analogue
Outputs
44 (2Ch)
8
MBVSEL
0
Microphone Bias Voltage Control
0 = 0.9 * AVDD
1 = 0.65 * AVDD
Input Signal
Path
7
0
Reserved
6
R2_2INPPGA
0
Connect R2 pin to right channel input PGA
positive terminal.
0=R2 not connected to input PGA
1=R2 connected to input PGA amplifier positive
terminal (constant input impedance).
Input Signal
Path
5
RIN2INPPGA
1
Connect RIN pin to right channel input PGA
negative terminal.
0=RIN not connected to input PGA
1=RIN connected to right channel input PGA
amplifier negative terminal.
Input Signal
Path
4
RIP2INPPGA
1
Connect RIP pin to right channel input PGA
amplifier positive terminal.
0 = RIP not connected to input PGA
1 = right channel input PGA amplifier positive
terminal connected to RIP (constant input
impedance)
Input Signal
Path
3
0
Reserved
2
L2_2INPPGA
0
Connect L2 pin to left channel input PGA
positive terminal.
0=L2 not connected to input PGA
1=L2 connected to input PGA amplifier positive
terminal (constant input impedance).
Input Signal
Path
1
LIN2INPPGA
1
Connect LIN pin to left channel input PGA
negative terminal.
0=LIN not connected to input PGA
1=LIN connected to input PGA amplifier negative
terminal.
Input Signal
Path
0
LIP2INPPGA
1
Connect LIP pin to left channel input PGA
amplifier positive terminal.
0 = LIP not connected to input PGA
1 = input PGA amplifier positive terminal
connected to LIP (constant input impedance)
Input Signal
Path
45 (2Dh)
8
INPPGAUPDATE
N/A
INPPGAVOLL and INPPGAVOLR volume do not
update until a 1 is written to INPPGAUPDATE (in
reg 45 or 46)
Input Signal
Path
7
INPPGAZCL
0
Left channel input PGA zero cross enable:
0=Update gain when gain register changes
1=Update gain on 1
st zero cross after gain
register write.
Input Signal
Path
6
INPPGAMUTEL
0
Mute control for left channel input PGA:
0=Input PGA not muted, normal operation
1=Input PGA muted (and disconnected from the
following input BOOST stage).
Input Signal
Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com