Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8310CGEB/V Datasheet(PDF) 157 Page - Wolfson Microelectronics plc

Part # WM8310CGEB/V
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310CGEB/V Datasheet(HTML) 157 Page - Wolfson Microelectronics plc

Back Button WM8310CGEB/V Datasheet HTML 153Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 154Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 155Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 156Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 157Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 158Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 159Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 160Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 161Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
157
The SYSLO status can be read from the SYSLO_STS register bit. This bit is asserted when SYSVDD
is below the SYSLO threshold.
The WM8310 can also indicate the status of the SYSOK signal via a GPIO pin configured as a
“SYSVDD Good” output (see Section 21). A GPIO pin configured as “SYSVDD Good” output will be
asserted when the SYSVDD is above the SYSOK threshold.
VSYSOK
VSYSVDD
time
VSYSLO
VSHUTDOWN
SYSOK (SYSLO)
SHUTDOWN
time
time
Figure 32 SYSVDD Monitoring
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16385
(4001h)
SYSVDD
Control
15:14
SYSLO_ERR_
ACT
00
SYSLO Error Action
Selects the action taken when SYSLO is
asserted
00 = Interrupt
01 = WAKE transition
10 = Reserved
11 = OFF transition
11
SYSLO_STS
0
SYSLO Status
0 = Normal
1 = SYSVDD is below SYSLO threshold
6:4
SYSLO_THR
[2:0]
010
SYSLO threshold (falling SYSVDD)
This is the falling SYSVDD voltage at
which SYSLO will be asserted
000 = 2.8V
001 = 2.9V
…
111 = 3.5V
2:0
SYSOK_THR
[2:0]
101
SYSOK threshold (rising SYSVDD)
This is the rising SYSVDD voltage at
which SYSOK will be asserted
000 = 2.8V
001 = 2.9V
…
111 = 3.5V
Note that the SYSOK hysteresis margin is
added to these threshold levels.
Table 101 SYSVDD Monitoring Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com