Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8310CGEB/V Datasheet(PDF) 170 Page - Wolfson Microelectronics plc

Part # WM8310CGEB/V
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310CGEB/V Datasheet(HTML) 170 Page - Wolfson Microelectronics plc

Back Button WM8310CGEB/V Datasheet HTML 166Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 167Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 168Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 169Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 170Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 171Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 172Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 173Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 174Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
170
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16386
(4002h)
Thermal
Monitoring
3
THW_HYST
1
Thermal Warning hysteresis
0 = 8 degrees C
1 = 16 degrees C
1:0
THW_TEMP
[1:0]
10
Thermal Warning temperature
00 = 90 degrees C
01 = 100 degrees C
10 = 110 degrees C
11 = 120 degrees C
Register 4002h Thermal Monitoring
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16387
(4003h)
Power State
15
CHIP_ON
0
Indicates whether the system is ON or OFF.
0 = OFF
1 = ON (or SLEEP)
OFF can be commanded by writing CHIP_ON = 0.
Note that writing CHIP_ON = 1 is not a valid ‘ON’ event,
and will not trigger an ON transition.
14
CHIP_SLP
0
Indicates whether the system is in the SLEEP state.
0 = Not in SLEEP
1 = SLEEP
WAKE can be commanded by writing CHIP_SLP = 0.
SLEEP can be commanded by writing CHIP_SLP = 1.
12
REF_LP
0
Low Power Voltage Reference Control
0 = Normal
1 = Low Power Reference Mode select
Note that Low Power Reference Mode is only supported
when the Auxiliary ADC is disabled.
11:10
PWRSTATE_D
LY [1:0]
10
Power State transition delay
00 = No delay
01 = No delay
10 = 1ms
11 = 10ms
9
SWRST_DLY
0
Software Reset Delay
0 = No delay
1 = Software Reset is delayed by PWRSTATE_DLY
following the Software Reset command
5:4
USB100MA_S
TARTUP [1:0]
00
Sets the device behaviour when starting up under USB
power, when USB_ILIM = 010b (100mA)
00 = Normal
01 = Soft-Start
10 = Only start if BATTVDD > 3.1V
11 = Only start if BATTVDD > 3.4V
In the 1X modes, if the battery voltage is less than the
selected threshold, then the device will enable trickle
charge mode instead of executing the start-up request.
The start-up request is delayed until the battery voltage
threshold has been met.
3
USB_CURR_S
TS
0
Indicates if the USB current limit has been reached
0 = Normal
1 = USB current limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com