Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8310CGEB/V Datasheet(PDF) 213 Page - Wolfson Microelectronics plc

Part # WM8310CGEB/V
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310CGEB/V Datasheet(HTML) 213 Page - Wolfson Microelectronics plc

Back Button WM8310CGEB/V Datasheet HTML 209Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 210Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 211Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 212Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 213Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 214Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 215Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 216Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 217Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
213
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
Protected by security key.
7:6
CHG_TRKL_ILI
M [1:0]
00
Battery Trickle Charge current limit
00 = 50mA
01 = 100mA
10 = 150mA
11 = 200mA
Protected by security key.
5:4
CHG_VSEL
[1:0]
00
Battery Charger target voltage
00 = 4.05V
01 = 4.10V
10 = 4.15V
11 = 4.20V
Note that incorrect setting of this register may lead to a
safety hazard condition.
Protected by security key.
3:0
CHG_FAST_ILI
M [3:0]
0010
Battery Fast Charge current limit
0000 = 0mA
0001 = 50mA
0010 = 100mA
0011 = 150mA
0100 = 200mA
0101 = 250mA
0110 = 300mA
0111 = 350mA
1000 = 400mA
1001 = 450mA
1010 = 500mA
1011 = 600mA
1100 = 700mA
1101 = 800mA
1110 = 900mA
1111 = 1000mA
Protected by security key.
Register 4049h Charger Control 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16458
(404Ah)
Charger
Status
15
BATT_OV_ST
S
0
Battery Overvoltage status
0 = Normal
1 = Battery Overvoltage
14:12
CHG_STATE
[2:0]
000
Battery Charger state
000 = Off
001 = Trickle Charge
010 = Fast Charge
011 = Trickle Charge overtemperature
100 = Fast Charge overtemperature
101 = Defective
110 = Reserved
111 = Reserved
11
BATT_HOT_ST
S
0
Battery Hot status
0 = Normal
1 = Battery Hot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com