Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8310CGEB/V Datasheet(PDF) 228 Page - Wolfson Microelectronics plc

Part # WM8310CGEB/V
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310CGEB/V Datasheet(HTML) 228 Page - Wolfson Microelectronics plc

Back Button WM8310CGEB/V Datasheet HTML 224Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 225Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 226Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 227Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 228Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 229Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 230Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 231Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 232Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
228
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
68h to 7Fh = 1.8V
Note - Maximum output voltage selection in 4MHz
switching mode is 48h (1.4V).
Register 405Fh DC2 DVS Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16480
(4060h) DC3
Control 1
12
DC3_PHASE
0
DC-DC3 Clock Phase Control
0 = Normal
1 = Inverted
7
DC3_FLT
0
DC-DC3 Output float
0 = DC-DC3 output discharged when disabled
1 = DC-DC3 output floating when disabled
5:4
DC3_SOFT_ST
ART [1:0]
01
DC-DC3 Soft-Start Control
(Duration in each of the 3 intermediate startup current
limiting steps.)
00 = Immediate start-up
01 = 512us steps
10 = 4.096ms steps
11 = 32.768ms steps
3:2
DC3_STNBY_L
IM [1:0]
01
DC-DC3 Current Limit
Sets the maximum DC output current in Hysteretic
Mode. Typical values shown below.
00 = 100mA
01 = 200mA
10 = 400mA
11 = 800mA
Protected by security key.
1:0
DC3_CAP [1:0]
00
DC-DC3 Output Capacitor
00 = 10uF to 20uF
01 = 10uF to 20uF
10 = 22uF to 45uF
11 = 47uF to 100uF
Register 4060h DC3 Control 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16481
(4061h) DC3
Control 2
15:14
DC3_ERR_AC
T [1:0]
00
DC-DC3 Error Action (Undervoltage)
00 = Ignore
01 = Shut down converter
10 = Shut down system (Device Reset)
11 = Reserved
Note that an Interrupt is always raised.
12:11
DC3_HWC_SR
C [1:0]
00
DC-DC3 Hardware Control Source
00 = Disabled
01 = Hardware Control 1
10 = Hardware Control 2
11 = Hardware Control 1 or 2
10
DC3_HWC_VS
EL
0
DC-DC3 Hardware Control Voltage select
0 = Set by DC3_ON_VSEL
1 = Set by DC3_SLP_VSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com