Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3015VMM1R Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc

Part # MPXD3015VMM1R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3015VMM1R Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button MPXD3015VMM1R Datasheet HTML 102Page - Freescale Semiconductor, Inc MPXD3015VMM1R Datasheet HTML 103Page - Freescale Semiconductor, Inc MPXD3015VMM1R Datasheet HTML 104Page - Freescale Semiconductor, Inc MPXD3015VMM1R Datasheet HTML 105Page - Freescale Semiconductor, Inc MPXD3015VMM1R Datasheet HTML 106Page - Freescale Semiconductor, Inc MPXD3015VMM1R Datasheet HTML 107Page - Freescale Semiconductor, Inc MPXD3015VMM1R Datasheet HTML 108Page - Freescale Semiconductor, Inc MPXD3015VMM1R Datasheet HTML 109Page - Freescale Semiconductor, Inc MPXD3015VMM1R Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
106
Table 59. Reset sequence trigger—reset sequence
Reset
Sequence
Trigger
NOTES:
1 VREG Mode: I = Internal VREG Mode, E = External VREG Mode.
Reset
Sequence
Start
Condition
Reset
Sequence
End
Indication
Reset Sequence
Destructive
Reset
Sequence,
BIST
enabled2
2 Whether BIST is executed or not depends on device configuration data stored in the shadow sector of the NVM.
Destructive
Reset
Sequence,
BIST
disabled2
External
Reset
Sequence
Long,
BIST
enabled
Functional
Reset
Sequence
Long
Functional
Reset
Sequence
Short
All active
internal
destructive
reset sources
(LVDs or
internal HVD
during
power-up and
during
operation)
I
Section 3.
21.4.1,
Internal
VREG
mode”
Release of
RESET3
3 End of the internal reset sequence (as specified in Table 58) can only be observed by release of RESET if it is not held low
externally beyond the end of the internal sequence which would prolong the internal reset PHASE3 until RESET is released
externally.
triggers
cannot
trigger
cannot
trigger
cannot
trigger
E
Section 3.
21.4.2,
External
VREG
mode”
cannot
trigger
cannot
trigger
cannot
trigger
Assertion of
RESET_SUP4
4 In external VREG mode only.
Assertion of
RESET5
5 The assertion of RESET can only trigger a reset sequence if the device was running (RESET released) before.
RESET does not gate a Destructive Reset Sequence, BIST enabled or a Destructive Reset Sequence, BIST
disabled. However, it can prolong these sequences if RESET is held low externally beyond the end of the internal
sequence (beyond PHASE3).
I/E
Section 3.
21.4.3,
external
Reset via
RESET”
cannot trigger
triggers6
6 If RESET is configured for long reset (default) and if BIST is enabled via device configuration data stored in the
shadow sector of the NVM.
triggers7
triggers8
All internal
functional
reset sources
configured
for long reset
I/E
Sequence
starts with
internal
reset
trigger
Release of
RESET9
cannot trigger
cannot
trigger
triggers
cannot
trigger
All internal
functional
reset sources
configured
for short
reset
I/E
cannot trigger
cannot
trigger
cannot
trigger
triggers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com