Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3015VMM1R Datasheet(PDF) 114 Page - Freescale Semiconductor, Inc

Part # MPXD3015VMM1R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3015VMM1R Datasheet(HTML) 114 Page - Freescale Semiconductor, Inc

Back Button MPXD3015VMM1R Datasheet HTML 110Page - Freescale Semiconductor, Inc MPXD3015VMM1R Datasheet HTML 111Page - Freescale Semiconductor, Inc MPXD3015VMM1R Datasheet HTML 112Page - Freescale Semiconductor, Inc MPXD3015VMM1R Datasheet HTML 113Page - Freescale Semiconductor, Inc MPXD3015VMM1R Datasheet HTML 114Page - Freescale Semiconductor, Inc MPXD3015VMM1R Datasheet HTML 115Page - Freescale Semiconductor, Inc MPXD3015VMM1R Datasheet HTML 116Page - Freescale Semiconductor, Inc MPXD3015VMM1R Datasheet HTML 117Page - Freescale Semiconductor, Inc MPXD3015VMM1R Datasheet HTML 118Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
114
Figure 37. JTAG boundary scan timing
3.22.3
Nexus timing
Table 63. Nexus debug port timing1
No.
Symbol
Parameter
Conditions
Min
Max
Unit
1tMCKO
CC MCKO cycle time
—15.75
—
ns
2tMDC
CC MCKO duty cycle
—33
66
%
3tMDOV
CC MCKO Low to MDO, MSEO, EVTO data valid2
—(–0.1)tMCKO (0.2)tMCKO
ns
4tEVTIPW
CC EVTI pulse width
—4.0
—
tTCYC
5tEVTOPW
CC EVTO pulse width
—1
—
tMCYC
6tTCYC
CC TCK cycle time3
—60
—
ns
7tTDC
CC TCK duty cycle
—40
60
%
8tNTDIS, tNTMSS CC TDI, TMS data setup time
—12
—
ns
9tNTDIH, tNTMSH CC TDI, TMS data hold time
—6
—
ns
10
tJOV
CC TCK low to TDO data valid
—0
18
ns
11
tJOIV
CC TCK low to TDO data invalid
—6
—
ns
TCK
Output
Signals
Input
Signals
Output
Signals
11
12
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com