Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F205RB Datasheet(PDF) 112 Page - STMicroelectronics

Part # STM32F205RB
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RB Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STM32F205RB Datasheet HTML 108Page - STMicroelectronics STM32F205RB Datasheet HTML 109Page - STMicroelectronics STM32F205RB Datasheet HTML 110Page - STMicroelectronics STM32F205RB Datasheet HTML 111Page - STMicroelectronics STM32F205RB Datasheet HTML 112Page - STMicroelectronics STM32F205RB Datasheet HTML 113Page - STMicroelectronics STM32F205RB Datasheet HTML 114Page - STMicroelectronics STM32F205RB Datasheet HTML 115Page - STMicroelectronics STM32F205RB Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 177 page
background image
Electrical characteristics
STM32F20xxx
112/177
Doc ID 15818 Rev 9
Figure 45.
ULPI timing diagram
Ethernet characteristics
Table 60 shows the Ethernet operating voltage.
Table 61 gives the list of Ethernet MAC signals for the SMI (station management interface)
and Figure 46 shows the corresponding timing diagram.
Table 59.
ULPI timing
Symbol
Parameter
Value(1)
1.
VDD = 2.7 V to 3.6 V and TA = –40 to 85 °C.
Unit
Min.
Max.
tSC
Control in (ULPI_DIR) setup time
-
2.0
ns
Control in (ULPI_NXT) setup time
-
1.5
tHC
Control in (ULPI_DIR, ULPI_NXT) hold time
0
-
tSD
Data in setup time
-
2.0
tHD
Data in hold time
0
-
tDC
Control out (ULPI_STP) setup time and hold time
-
9.2
tDD
Data out available from clock rising edge
-
10.7
Table 60.
Ethernet DC electrical characteristics
Symbol
Parameter
Min.(1)
1.
All the voltages are measured from the local ground potential.
Max.(1)
Unit
Input level
VDD
Ethernet operating voltage
2.7
3.6
V
Clock
Control In
(ULPI_DIR,
ULPI_NXT)
data In
(8-bit)
Control out
(ULPI_STP)
data out
(8-bit)
tDD
tDC
tHD
tSD
tHC
tSC
ai17361c
tDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com