Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DEMM9SF Datasheet(PDF) 170 Page - ITT Industries

Part # DEMM9SF
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEMM9SF Datasheet(HTML) 170 Page - ITT Industries

Back Button DEMM9SF Datasheet HTML 166Page - ITT Industries DEMM9SF Datasheet HTML 167Page - ITT Industries DEMM9SF Datasheet HTML 168Page - ITT Industries DEMM9SF Datasheet HTML 169Page - ITT Industries DEMM9SF Datasheet HTML 170Page - ITT Industries DEMM9SF Datasheet HTML 171Page - ITT Industries DEMM9SF Datasheet HTML 172Page - ITT Industries DEMM9SF Datasheet HTML 173Page - ITT Industries DEMM9SF Datasheet HTML 174Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
169
D Subminiature
Space/High Reliability
ITTCannonhasalonghistoryofproviding
high performance D Subminiature connectors
for space applications (qualified by NASA/
GFSC and the European Space Agency). Space/
High Reliabilty D*M and D*MA connectors meet
stringent tests for outgassing and residual
magnetism and are suitable for use in space,
medical, and high performance military/aerospace
applications. D*M and D*MA connectors meet the
performance and dimensional requirements of
MIL-C-24308. The newest product group is High
Density D*MA crimp connectors.
Applications
Space - Low/High Orbit Satellites
Medical
Product Features
Non-Magnetic
No Outgassing
Specifications
Temperature Rating
−65° at 125°C
Signal Contact Current Rating
5 A (20 AWG)
Signal Contact Resistance
55 millivolt max. at 7.5 A test current
Wire Accommodation (Solder)
20 AWG max.
Wire Accommodation (Crimp)
18/30 AWG
Coaxial Impedance
50 Ohm
Loss VSWR
Less than 1,3 - 1,0 up to 500 Mhz
Coaxial Insertion Loss
1db loss at 500 Mhz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com