Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DEMM9SF Datasheet(PDF) 103 Page - ITT Industries

Part # DEMM9SF
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEMM9SF Datasheet(HTML) 103 Page - ITT Industries

Back Button DEMM9SF Datasheet HTML 99Page - ITT Industries DEMM9SF Datasheet HTML 100Page - ITT Industries DEMM9SF Datasheet HTML 101Page - ITT Industries DEMM9SF Datasheet HTML 102Page - ITT Industries DEMM9SF Datasheet HTML 103Page - ITT Industries DEMM9SF Datasheet HTML 104Page - ITT Industries DEMM9SF Datasheet HTML 105Page - ITT Industries DEMM9SF Datasheet HTML 106Page - ITT Industries DEMM9SF Datasheet HTML 107Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
102
D Subminiature
Commercial Micro D — MDSM
MDSM SSA Compatible Cable Assemblies
14,35
(.565)
19,89
(.783)
MAX
41,62
(1.639)
MAX
56,01
(2.205)
REF
X
5,71 (.225)
Part Number
X
Meter (Feet)
Tolerance
CA112104
0,50 (1.600)
±25,00 (1.000)
CA112104-1
1,00 (2.200)
±25,00 (1.000)
CA112104-2
3,00 (9.800)
±25,00 (1.000)
CA112104-3
5,00 (16.400)
±64,00 (2.500)
CA112104-4
10,00 (32.800)
±64,00 (2.500)
CA112104-5
20,00 (65.600)
±64,00 (2.500)
Note: For push/pull assemblies or other thumbscrews, please consult the factory.
Crimp dies for SSA applications will be offered by ITT Cannon. Consult factory for details.
ITT Cannon’s 9 position MDSM connectors have
been designed into the ANSI specification called
SSA, ‘‘Serial Storage Architecture,’’ as the external
I/O. SSA is a new serial interface for
interconnecting storage devices, storage
subsystems, servers and workstations. Storage
subsystems are increasing in function, availability,
density and performance. With this comes the
trend for them to become more complex and
ITT Cannon has the interconnect system which
meets SSA’s high performance requirements.
SSA is an architecture which allows these new
subsystems to be implemented more easily and at
lower costs than other new high speed parallel
interfaces. SSA permits the transfer of data at
progressively higher speeds - 20 MB/sec interface
currently available with 40 MB/sec becoming
available in 1997/98. ITT Cannon’s MDSM
connector not only functions at these high speeds,
but also brings to SSA smaller, less cumbersome
and higher reliability cables and connectors than
current options.
ITT Cannon is offering SSA compatable external
cable assemblies in six different lengths to meet
your needs. These assemblies consist of two
MDSM 9SC type cable connectors terminated to
SSA specified external cable.
Note: Cables shown with Z50 thumbscrews.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com