Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DEMM9SF Datasheet(PDF) 146 Page - ITT Industries

Part # DEMM9SF
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEMM9SF Datasheet(HTML) 146 Page - ITT Industries

Back Button DEMM9SF Datasheet HTML 142Page - ITT Industries DEMM9SF Datasheet HTML 143Page - ITT Industries DEMM9SF Datasheet HTML 144Page - ITT Industries DEMM9SF Datasheet HTML 145Page - ITT Industries DEMM9SF Datasheet HTML 146Page - ITT Industries DEMM9SF Datasheet HTML 147Page - ITT Industries DEMM9SF Datasheet HTML 148Page - ITT Industries DEMM9SF Datasheet HTML 149Page - ITT Industries DEMM9SF Datasheet HTML 150Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
145
D Subminiature
Military/High Reliability
Test Data
MIL-C-24308 Test Extracts Applicable To Class G Connectors
Test Description
Test Requirements
MIL-STD-1344
Test Method
Mating/Unmating Force
Shell Size
Layout
Max Unmating (lbs.)
Max Mating (lbs.)
2013
DE
9
6
10
DA
15
10
17
DB
25
17
28
DC
37
24
39
DD
50
30
49
Contact Retention
Contacts shall be retained in their inserts by a 9 pound (minimum) force. The axial displacement of contacts shall not exceed .012 inch while under load.
2007
Insulation Resistance
After humidity 1 Megohm (min.)
All other conditions 5000 Megohm (min.)
3003
Contact Resistance
After salt spray not to exceed 65 millivolts max.
3004
Size 20 AWG; 7.5 A
Vibration
No damage and no loosening of parts due to vibration. No interruption of electrical continuity longer than 1 microsecond.
2005
Test Cond. 4
Shock
No damage and no loosening of parts. No interruption of electrical continuity longer than 1 microsecond.
2004
Test Cond. E
Durability
No electrical or mechanical defects after 500 cycles of mating and unmating.
2016
200
± 100 cycles/hour
Salt Spray (Corrosion)
No exposure of base metal due to corrosion which will affect performance. Product will meet further tests as specified.
1001
Cond. B
Fluid Immersion
20 hours immersion MIL-H-5606 Hydraulic Fluid.
20 hours immersion MIL-L-23699 Lubricating Fluid.
Connectors shall meet mating/unmating force following immersion.
1016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com