Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DEMM9SF Datasheet(PDF) 159 Page - ITT Industries

Part # DEMM9SF
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEMM9SF Datasheet(HTML) 159 Page - ITT Industries

Back Button DEMM9SF Datasheet HTML 155Page - ITT Industries DEMM9SF Datasheet HTML 156Page - ITT Industries DEMM9SF Datasheet HTML 157Page - ITT Industries DEMM9SF Datasheet HTML 158Page - ITT Industries DEMM9SF Datasheet HTML 159Page - ITT Industries DEMM9SF Datasheet HTML 160Page - ITT Industries DEMM9SF Datasheet HTML 161Page - ITT Industries DEMM9SF Datasheet HTML 162Page - ITT Industries DEMM9SF Datasheet HTML 163Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
158
D Subminiature
Military/High Reliability
40 A High Power Straight PCB (Sizes DE-DC)
Part Numbers with Standoff #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMMV5H1PN
DEMMZ5H1PN
DEMMN5H1PN
DA
7W2
DAMMV7H2PN
DAMMZ7H2PN
DAMMN7H2PN
DA
11W1
DAMMV11H1PN
DAMMZ11H1PN
DAMMN11H1PN
DA
3W3
DAMMV3H3PN
DAMMZ3H3PN
DAMMN3H3PN
DA
3WK3
DAMMV3HK3PNTM
DAMMZ3HK3PNTM
DAMMN3HK3PNTM
DB
5W5
DBMMV5H5PN
DBMMZ5H5PN
DBMMN5H5PN
DB
9W4
DBMMV9H4PN
DBMMZ9H4PN
DBMMN9H4PN
DB
13W3
DBMMV13H3PN
DBMMZ13H3PN
DBMMN13H3PN
DB
17W2
DBMMV17H2PN
DBMMZ17H2PN
DBMMN17H2PN
DB
21W1
DBMMV21H1PN
DBMMZ21H1PN
DBMMN21H1PN
DC
8W8
DCMMV8H8PN
DCMMZ8H8PN
DCMMN8H8PN
DC
13W6
DCMMV13H6PN
DCMMZ13H6PN
DCMMN13H6PN
DC
17W5
DCMMV17H5PN
DCMMZ17H5PN
DCMMN17H5PN
DC
21WA4
DCMMV21HA4PN
DCMMZ21HA4PN
DCMMN21HA4PN
DC
25W3
DCMMV25H3PN
DCMMZ25H3PN
DCMMN25H3PN
DC
27W2
DCMMV27H2PN
DCMMZ27H2PN
DCMMN27H2PN
Notes: For DD shell sizes, see page 160.
Keyed.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
Plug
Engaging Face
Screw lock, boardlock and high power contact
removed for clarity
A
C
B
E
D
10
°
SCREW LOCK
#4-40 UNC
4,65
(.183)
7,62
± 0,25
(.300
± .010)
6,50
± 0,25
(.256
± .010)
Ø 3,18
(.125)
Ø 0,76
(.030)
4,52
(.178)
2,92
(.115)
BOARDLOCK
STANDOFF
#4-40 UNC
W
F
2,84
(.112)
L
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see pages 254-255.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com