Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DBMM25SF Datasheet(PDF) 208 Page - ITT Industries

Part # DBMM25SF
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMM25SF Datasheet(HTML) 208 Page - ITT Industries

Back Button DBMM25SF Datasheet HTML 204Page - ITT Industries DBMM25SF Datasheet HTML 205Page - ITT Industries DBMM25SF Datasheet HTML 206Page - ITT Industries DBMM25SF Datasheet HTML 207Page - ITT Industries DBMM25SF Datasheet HTML 208Page - ITT Industries DBMM25SF Datasheet HTML 209Page - ITT Industries DBMM25SF Datasheet HTML 210Page - ITT Industries DBMM25SF Datasheet HTML 211Page - ITT Industries DBMM25SF Datasheet HTML 212Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
207
D Subminiature Accessories
Plastic Backshell
Quick Disconnect for IDC Cable
Materials and Finishes
Material:
Black Thermoplastic,
UL 94V-0 rated
CABLE
ENTRY
E
40,54
(1.596)
C
A
LOCKING
SPRING*
LOCKING
HOOK*
2,60
± 0,20
(.102
± .008)
16,31
(.642)
Quick Disconnect for Round Cable
Straight and 90
° Exit
Shell
Size Layout
Part
Number
A
max.
B
max.
C
±0,15 (.006)
D
max.
E
min.
F
min.
DE
9
DE115339
41,33 (1.627)
32,41 (1.276)
25,00 (.984)
16,51 (.650)
7,70 (.303)
6,70 (.264)
DA
15
DA115339-1
49,63 (1.954)
32,41 (1.276)
33,30 (1.311)
16,51 (.650)
7,70 (.303)
6,70 (.264)
DB
25
DB115339-2
63,65 (2.506)
40,44 (1.592)
47,04 (1.852)
16,51 (.650)
7,70 (.303)
17,70 (.697)
DC
37
DC115339-3
79,86 (3.144)
42,42 (1.670)
63,50 (2.500)
16,51 (.650)
7,70 (.303)
17,70 (.697)
DD
50
DD115339-4
77,57 (3.054)
42,42 (1.670)
61,10 (2.406)
19,51 (.768)
10,69 (.421)
17,70 (.697)
Materials and Finishes
Material:
Black Thermoplastic,
UL 94V-0 rated
Optional Locking Hardware/Mechanism
Optional hardware provides quick disconnect for
either flat IDC cable or round jacketed cable.
Order 2 per connector
Material:
Corrosion-resistant steel
Locking Hook
Locking Spring
Lock Hook
Part Number
Lock Spring
Part Number
015-8755-000
259-8760-000
015-8755-001
NOTE: Not for use on rear panel mounted connectors.
Shell
Size
Layout
Part
Number
A
max.
C
±0,13 (.005)
E
±0,20 (.008)
DE
9
DE115386-1B
40,69 (1.602)
24,99 (.984)
14,99 (.590)
DA
15
DA115386-2B
49,00 (1.929)
33,30 (1.311)
23,29 (.917)
DB
25
DB115386-3B
62,69 (2.468)
47,04 (1.852)
36,98 (1.456)
DC
37
DC115386-4B
79,20 (3.118)
63,50 (2.500)
53,49 (2.106)
IDC
* Order optional locking hardware separately.
* Order optional locking hardware separately.
13,00 (.512)
MAX
16,10 (.634) MAX
7,00 (.276) MAX
LOCKING
SPRING*
LOCKING
HOOK*
C
A
MAX
B
MAX
E
CABLE
ENTRY
MIN
D
MAX
F
CABLE
ENTRY
MIN
Kit consists of 1 front shell, 1 rear shell,
2 strain reliefs, 5 screws
Kit consists of 1 front shell, 1 rear shell,
1 cable clamp, 1 spacer, 4 self-tapping
screws, 2 machined screws



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com