Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DBMM25SF Datasheet(PDF) 160 Page - ITT Industries

Part # DBMM25SF
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMM25SF Datasheet(HTML) 160 Page - ITT Industries

Back Button DBMM25SF Datasheet HTML 156Page - ITT Industries DBMM25SF Datasheet HTML 157Page - ITT Industries DBMM25SF Datasheet HTML 158Page - ITT Industries DBMM25SF Datasheet HTML 159Page - ITT Industries DBMM25SF Datasheet HTML 160Page - ITT Industries DBMM25SF Datasheet HTML 161Page - ITT Industries DBMM25SF Datasheet HTML 162Page - ITT Industries DBMM25SF Datasheet HTML 163Page - ITT Industries DBMM25SF Datasheet HTML 164Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
159
D Subminiature
Military/High Reliability
40 A High Power Straight PCB (Sizes DE-DC)
Part Numbers with Standoff #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMMV5H1SN
DEMMZ5H1SN
DEMMN5H1SN
DA
7W2
DAMMV7H2SN
DAMMZ7H2SN
DAMMN7H2SN
DA
11W1
DAMMV11H1SN
DAMMZ11H1SN
DAMMN11H1SN
DA
3W3
DAMMV3H3SN
DAMMZ3H3SN
DAMMN3H3SN
DA
3WK3
DAMMV3HK3SNTM
DAMMZ3HK3SNTM
DAMMN3HK3SNTM
DB
5W5
DBMMV5H5SN
DBMMZ5H5SN
DBMMN5H5SN
DB
9W4
DBMMV9H4SN
DBMMZ9H4SN
DBMMN9H4SN
DB
13W3
DBMMV13H3SN
DBMMZ13H3SN
DBMMN13H3SN
DB
17W2
DBMMV17H2SN
DBMMZ17H2SN
DBMMN17H2SN
DB
21W1
DBMMV21H1SN
DBMMZ21H1SN
DBMMN21H1SN
DC
8W8
DCMMV8H8SN
DCMMZ8H8SN
DCMMN8H8SN
DC
13W6
DCMMV13H6SN
DCMMZ13H6SN
DCMMN13H6SN
DC
17W5
DCMMV17H5SN
DCMMZ17H5SN
DCMMN17H5SN
DC
21WA4
DCMMV21HA4SN
DCMMZ21HA4SN
DCMMN21HA4SN
DC
25W3
DCMMV25H3SN
DCMMZ25H3SN
DCMMN25H3SN
DC
27W2
DCMMV27H2SN
DCMMZ27H2SN
DCMMN27H2SN
Notes: For DD shell sizes, see page 161.
Keyed.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Receptacle
Engaging Face
Screw lock, boardlock and high power contact
removed for clarity
A
C
B
D
E
10
°
4,65
(.183)
7,62
± 0,25
(.300
± .010)
6,50
± 0,25
(.256
± .010)
Ø 3,18
(.125)
Ø 0,76
(.030)
2,92
(.115)
BOARDLOCK
SCREW LOCK
#4-40 UNC
4,52 (.178)
STANDOFF
#4-40 UNC
2,84
(.112)
L
F
W
Reader’s Resource
For contact cavity arrangements,
see page 223.
For P.C. hole patterns, see pages 257-258.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com