Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S103F3P3 Datasheet(PDF) 111 Page - STMicroelectronics

Part # STM8S103F3P3
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I2C
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F3P3 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STM8S103F3P3 Datasheet HTML 105Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 106Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 107Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 108Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 109Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 110Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 111Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 112Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 113Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 111 / 113 page
background image
Changes
Revision
Date
Updated Table 19: General operating conditions.
Updated name of Figure 19: Typical HSI accuracy at VDD = 5
V vs 5 temperatures.
Updated Table 43: SPI characteristics and added TBD data.
Added max values to Table 46: ADC accuracy with RAIN < 10
kΩ , VDD= 5 V and Table 47: ADC accuracy with RAIN < 10
kΩ RAIN, VDD = 3.3 V in the 10-bit ADC characteristics.
Updated EMC characteristics.
Replaced VFQFPN32 package with UFQFPN32 package.
4
16-Oct-2009
Clock controller: replaced "TIM2" and "TIM3" with "reserved"
and "TIM2" respectively in "Peripheral clock gating bit
assignments in CLK_PCKENR1/2 registers" table.
Total current consumption in halt mode: changed the maximum
current consumption limit at 125 °C (and VDD = 5 V) from 35
µA to 55 µA.
Functional EMS (electromagnetic susceptibility) : "ESD"
changed to "FESD" (functional); added name of AN1709;
replaced "IEC 1000" with "IEC 61000".
Designing hardened software to avoid noise problems: replaced
"IEC 1000" with "IEC 61000", added title of AN1015, and added
footnote to EMS data table.
Electromagnetic interference (EMI): replaced "J 1752/3" with
"IEC 61967-2" and updated data of the EMI data table.
Selecting the product temperature range: changed the value
of LQFP32 7x7 mm thermal resistance from 59 °C/W to 60
°C/W.
Added STM8S103 FASTROM microcontroller option list.
Added VFQFPN32 and SO20 packages.
5
22-Apr-2010
Updated Px_IDR reset value in Table 7: I/O port hardware
register map.
Operating conditions: updated VCAP and ESR low limit, added
ESL parameter, and Note 1 below Table 19: General operating
conditions.
Updated ACCHSI in Table 34: HSI oscillator characteristics
table. Modified IDD(H) in Table 27: Total current consumption
in halt mode at VDD = 5 V and Table 28: Total current
consumption in halt mode at VDD = 3.3 V. Removed note 3
related to Accuracy of HSI oscillator.
111/113
DocID15441 Rev 6
Revision history
STM8S103K3 STM8S103F3 STM8S103F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com