Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LS08 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74LS08
Description  Quad 2-Input AND Gates
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LS08 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LS08 Datasheet HTML 1Page - Fairchild Semiconductor 74LS08 Datasheet HTML 2Page - Fairchild Semiconductor 74LS08 Datasheet HTML 3Page - Fairchild Semiconductor 74LS08 Datasheet HTML 4Page - Fairchild Semiconductor 74LS08 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Switching Characteristics
at VCC = 5V and TA = 25°C
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max,
2.7
3.4
V
Output Voltage
VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max,
0.35
0.5
Output Voltage
VIL = Max
V
IOL = 4 mA, VCC = Min
0.25
0.4
II
Input Current @ Max Input Voltage
VCC = Max, VI = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−0.36
mA
IOS
Short Circuit Output Current
VCC = Max (Note 3)
−20
−100
mA
ICCH
Supply Current with Outputs HIGH
VCC = Max
2.4
4.8
mA
ICCL
Supply Current with Outputs LOW
VCC = Max
4.4
8.8
mA
RL = 2 kΩ
Symbol
Parameter
CL = 15 pF
CL = 50 pF
Units
MinMax
MinMax
tPLH
Propagation Delay Time
4
13
6
18
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
3115
18
ns
HIGH-to-LOW Level Output


Similar Part No. - 74LS08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LS08 ONSEMI-74LS08 Datasheet
75Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
SYC Electronica
74LS08 SYC-74LS08 Datasheet
109Kb / 5P
Quad 2-Input AND Gates
logo
Renesas Technology Corp
74LS08P RENESAS-74LS08P Datasheet
65Kb / 6P
Quadruple 2-Input Positive AND Gates
More results

Similar Description - 74LS08

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5408 NSC-5408 Datasheet
92Kb / 4P
Quad 2-Input AND Gates
logo
Hitachi Semiconductor
HD74HC08 HITACHI-HD74HC08 Datasheet
45Kb / 8P
Quad. 2-input AND Gates
HD74LVC08 HITACHI-HD74LVC08 Datasheet
35Kb / 7P
Quad. 2-input AND Gates
logo
Fairchild Semiconductor
DM74LS08N FAIRCHILD-DM74LS08N Datasheet
59Kb / 5P
Quad 2-Input AND Gates
logo
Renesas Technology Corp
RD74LVC08B RENESAS-RD74LVC08B Datasheet
69Kb / 8P
Quad. 2-input AND Gates
HD74LV08A RENESAS-HD74LV08A Datasheet
65Kb / 8P
Quad. 2-input AND Gates
HD74HC08 RENESAS-HD74HC08 Datasheet
91Kb / 7P
Quad. 2-input AND Gates
logo
Unisonic Technologies
U74HC08 UTC-U74HC08 Datasheet
151Kb / 5P
QUAD 2-INPUT AND GATES
logo
Renesas Technology Corp
HD74HC08 RENESAS-HD74HC08_15 Datasheet
123Kb / 9P
Quad. 2-input AND Gates
HD74LV08A RENESAS-HD74LV08A_15 Datasheet
89Kb / 10P
Quad. 2-input AND Gates
logo
Unisonic Technologies
UCD4081B UTC-UCD4081B_15 Datasheet
168Kb / 5P
QUAD 2-INPUT AND GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com