Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F415XX Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM32F415XX
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F415XX Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32F415XX Datasheet HTML 116Page - STMicroelectronics STM32F415XX Datasheet HTML 117Page - STMicroelectronics STM32F415XX Datasheet HTML 118Page - STMicroelectronics STM32F415XX Datasheet HTML 119Page - STMicroelectronics STM32F415XX Datasheet HTML 120Page - STMicroelectronics STM32F415XX Datasheet HTML 121Page - STMicroelectronics STM32F415XX Datasheet HTML 122Page - STMicroelectronics STM32F415XX Datasheet HTML 123Page - STMicroelectronics STM32F415XX Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 186 page
background image
Electrical characteristics
STM32F415xx, STM32F417xx
120/186
DocID022063 Rev 4
tw(SCKH)
SCK high and low time
Master mode, SPI presc = 2,
2.7V < VDD < 3.6V
TPCLK-0.5 TPCLK TPCLK+0.5
ns
tw(SCKL)
Master mode, SPI presc = 2,
1.7V < VDD < 3.6V
TPCLK-2 TPCLK TPCLK+2
tsu(NSS)
NSS setup time
Slave mode, SPI presc = 2
4 x TPCLK
--
th(NSS)
NSS hold time
Slave mode, SPI presc = 2
2 x TPCLK
tsu(MI)
Data input setup time
Master mode
6.5
-
-
tsu(SI)
Slave mode
2.5
-
-
th(MI)
Data input hold time
Master mode
2.5
-
-
th(SI)
Slave mode
4
-
-
ta(SO)(2)
Data output access time
Slave mode, SPI presc = 2
0
-
4 x TPCLK
tdis(SO)(3)
Data output disable time
Slave mode, SPI1,
2.7V < VDD < 3.6V
0-
7.5
Slave mode, SPI1/2/3
1.7V < VDD < 3.6V
0-
16.5
tv(SO)
th(SO)
Data output valid/hold time
Slave mode (after enable edge),
SPI1, 2.7V < VDD < 3.6V
-11
13
Slave mode (after enable edge),
SPI2/3, 2.7V < VDD < 3.6V
-12
16.5
Slave mode (after enable edge),
SPI1, 1.7V < VDD < 3.6V
-
15.5
19
Slave mode (after enable edge),
SPI2/3, 1.7V < VDD < 3.6V
-18
20.5
tv(MO)
Data output valid time
Master mode (after enable edge),
SPI1 , 2.7V < VDD < 3.6V
--
2.5
Master mode (after enable edge),
SPI1/2/3 , 1.7V < VDD < 3.6V
--
4.5
th(MO)
Data output hold time
Master mode (after enable edge)
0
-
-
1. Data based on characterization results, not tested in production.
2. Min time is for the minimum time to drive the output and the max time is for the maximum time to validate the data.
3. Min time is for the minimum time to invalidate the output and the max time is for the maximum time to put the data in Hi-Z.
Table 55. SPI dynamic characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com