Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA302-I/ML Datasheet(PDF) 210 Page - Microchip Technology

Part # PIC24FV32KA302-I/ML
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA302-I/ML Datasheet(HTML) 210 Page - Microchip Technology

Back Button PIC24FV32KA302-I/ML Datasheet HTML 206Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 207Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 208Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 209Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 210Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 211Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 212Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 213Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 214Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 364 page
background image
PIC24FV32KA304 FAMILY
DS39995D-page 210
 2011-2013 Microchip Technology Inc.
22.1
A/D Control Registers
The 12-bit A/D Converter module uses up to
43 registers for its operation. All registers are mapped
in the data memory space.
22.1.1
CONTROL REGISTERS
Depending on the specific device, the module has up to
eleven control and status registers:
• AD1CON1: A/D Control Register 1
• AD1CON2: A/D Control Register 2
• AD1CON3: A/D Control Register 3
• AD1CON5: A/D Control Register 5
• AD1CHS: A/D Sample Select Register
• AD1CHITH and AD1CHITL: A/D Scan Compare
Hit Registers
• AD1CSSL and AD1CSSH: A/D Input Scan Select
Registers
• AD1CTMUENH and AD1CTMUENL: CTMU
Enable Registers
The AD1CON1, AD1CON2 and AD1CON3 registers
(Register 22-1,
Register 22-2
and
Register 22-3)
control the overall operation of the A/D module. This
includes enabling the module, configuring the
conversion clock and voltage reference sources,
selecting the sampling and conversion triggers, and
manually controlling the sample/convert sequences.
The AD1CON5 register (Register 22-4) specifically
controls features of the Threshold Detect operation,
including its function in power-saving modes.
The AD1CHS register (Register 22-5) selects the input
channels to be connected to the S/H amplifier. It also
allows the choice of input multiplexers and the
selection of a reference source for differential
sampling.
The
AD1CHITH
and
AD1CHITL
registers
(Register 22-6 and Register 22-7) are semaphore
registers used with Threshold Detect operations. The
status of individual bits, or bit pairs in some cases,
indicate if a match condition has occurred. AD1CHITL
is always implemented, whereas AD1CHITH may not
be implemented in devices with 16 or fewer channels.
The
AD1CSSH/L
registers
(Register 22-8
and
Register 22-9) select the channels to be included for
sequential scanning.
The AD1CTMUENH/L registers (Register 22-10 and
Register 22-11) select the channel(s) to be used by the
CTMU during conversions. Selecting a particular
channel allows the A/D Converter to control the CTMU
(particularly, its current source) and read its data
through that channel. AD1CTMUENL is always
implemented, whereas AD1CTMUENH may not be
implemented in devices with 16 or fewer channels.
22.1.2
A/D RESULT BUFFERS
The module incorporates a multi-word, dual port RAM,
called ADC1BUF. The buffer is composed of at least
the same number of word locations as there are
external analog channels for a particular device, with a
maximum number of 32. The number of buffer
addresses is always even. Each of the locations is
mapped into the data memory space and is separately
addressable. The buffer locations are referred to as
ADC1BUF0 through ADC1BUFn (up to 31).
The A/D result buffers are both readable and writable.
When the module is active (AD1CON<15> = 1), the
buffers are read-only, and store the results of A/D
conversions.
When
the
module
is
inactive
(AD1CON<15> = 0), the buffers are both readable and
writable. In this state, writing to a buffer location
programs a conversion threshold for Threshold Detect
operations.
Buffer contents are not cleared when the module is
deactivated with the ADON bit (AD1CON1<15>).
Conversion results and any programmed threshold
values are maintained when ADON is set or cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com