Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA302-I/ML Datasheet(PDF) 126 Page - Microchip Technology

Part # PIC24FV32KA302-I/ML
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA302-I/ML Datasheet(HTML) 126 Page - Microchip Technology

Back Button PIC24FV32KA302-I/ML Datasheet HTML 122Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 123Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 124Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 125Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 126Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 127Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 128Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 129Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 364 page
background image
PIC24FV32KA304 FAMILY
DS39995D-page 126
 2011-2013 Microchip Technology Inc.
10.2.2
IDLE MODE
Idle mode has these features:
• The CPU will stop executing instructions.
• The WDT is automatically cleared.
• The system clock source remains active. By
default, all peripheral modules continue to operate
normally from the system clock source, but can
also be selectively disabled (see Section 10.6
“Selective Peripheral Module Control”).
• If the WDT or FSCM is enabled, the LPRC will
also remain active.
The device will wake from Idle mode on any of these
events:
• Any interrupt that is individually enabled
• Any device Reset
• A WDT time-out
On wake-up from Idle, the clock is re-applied to the
CPU and instruction execution begins immediately,
starting with the instruction following the PWRSAV
instruction or the first instruction in the ISR.
10.2.3
INTERRUPTS COINCIDENT WITH
POWER SAVE INSTRUCTIONS
Any interrupt that coincides with the execution of a
PWRSAV instruction will be held off until entry into Sleep
or Idle mode has completed. The device will then
wake-up from Sleep or Idle mode.
10.2.4
DEEP SLEEP MODE
In PIC24FV32KA304 family devices, Deep Sleep mode
is intended to provide the lowest levels of power
consumption available without requiring the use of
external switches to completely remove all power from
the device. Entry into Deep Sleep mode is completely
under software control. Exit from Deep Sleep mode can
be triggered from any of the following events:
• POR Event
•MCLR Event
• RTCC Alarm (if the RTCC is present)
• External Interrupt 0
• Deep Sleep Watchdog Timer (DSWDT) Time-out
• Ultra Low-Power Wake-up (ULPWU) Event
In Deep Sleep mode, it is possible to keep the device
Real-Time Clock and Calendar (RTCC) running without
the loss of clock cycles.
The device has a dedicated Deep Sleep Brown-out
Reset (DSBOR) and a Deep Sleep Watchdog Timer
Reset (DSWDT) for monitoring voltage and time-out
events. The DSBOR and DSWDT are independent of
the standard BOR and WDT used with other
power-managed modes (Sleep, Idle and Doze).
10.2.4.1
Entering Deep Sleep Mode
Deep Sleep mode is entered by setting the DSEN bit in
the DSCON register and then executing a Sleep com-
mand (PWRSAV #SLEEP_MODE). An unlock sequence
is required to set the DSEN bit. Once the DSEN bit has
been set, there is no time limit before the SLEEP com-
mand can be executed. The DSEN bit is automatically
cleared when exiting the Deep Sleep mode.
The sequence to enter Deep Sleep mode is:
1.
If the application requires the Deep Sleep WDT,
enable it and configure its clock source. For
more information on Deep Sleep WDT, see
Section 10.2.4.5 “Deep Sleep WDT”.
2.
If the application requires Deep Sleep BOR,
enable it by programming the DSLPBOR
Configuration bit (FDS<6>).
3.
If the application requires wake-up from Deep
Sleep on RTCC alarm, enable and configure the
RTCC module For more information on RTCC,
see Section 19.0 “Real-Time Clock and
Calendar (RTCC)”.
4.
If needed, save any critical application context
data by writing it to the DSGPR0 and DSGPR1
registers (optional).
5.
Enable Deep Sleep mode by setting the DSEN
bit (DSCON<15>).
6.
Enter Deep Sleep mode by issuing a PWRSAV #0
instruction.
Any time the DSEN bit is set, all bits in the DSWAKE
register will be automatically cleared.
To set the DSEN bit, the unlock sequence in
Example 10-2 is required:
EXAMPLE 10-2:
THE UNLOCK SEQUENCE
Note:
To re-enter Deep Sleep after a Deep Sleep
wake-up, allow a delay of at least 3 TCY
after clearing the RELEASE bit.
Note:
An unlock sequence is required to set the
DSEN bit.
//Disable Interrupts For 5 instructions
asm
volatile(“disi #5”);
//Issue Unlock Sequence
asm
volatile
mov
#0x55, W0;
mov
W0, NVMKEY;
mov
#0xAA, W1;
mov
W1, NVMKEY;
bset
DSCON, #DSEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com