Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA302-I/ML Datasheet(PDF) 131 Page - Microchip Technology

Part # PIC24FV32KA302-I/ML
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA302-I/ML Datasheet(HTML) 131 Page - Microchip Technology

Back Button PIC24FV32KA302-I/ML Datasheet HTML 127Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 128Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 129Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 130Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 131Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 132Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 133Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 134Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 364 page
background image
 2011-2013 Microchip Technology Inc.
DS39995D-page 131
PIC24FV32KA304 FAMILY
10.3
Ultra Low-Power Wake-up
The Ultra Low-Power Wake-up (ULPWU) on pin, RB0,
allows a slow falling voltage to generate an interrupt
without excess current consumption.
To use this feature:
1.
Charge the capacitor on RB0 by configuring the
RB0 pin to an output and setting it to ‘1’.
2.
Stop charging the capacitor by configuring RB0
as an input.
3.
Discharge the capacitor by setting the ULPEN
and ULPSINK bits in the ULPWCON register.
4.
Configure Sleep mode.
5.
Enter Sleep mode.
When the voltage on RB0 drops below VIL, the device
wakes up and executes the next instruction.
This feature provides a low-power technique for
periodically waking up the device from Sleep mode.
The time-out is dependent on the discharge time of the
RC circuit on RB0.
When the ULPWU module wakes the device from
Sleep mode, the ULPWUIF bit (IFS5<0>) is set. Soft-
ware can check this bit upon wake-up to determine the
wake-up source. See Example 10-3 for initializing the
ULPWU module.
A series resistor, between RB0 and the external
capacitor, provides overcurrent protection for the
RB0/AN0/ULPWU pin and enables software calibration
of the time-out (see Figure 10-1).
FIGURE 10-1:
SERIES RESISTOR
A timer can be used to measure the charge time and
discharge time of the capacitor. The charge time can
then be adjusted to provide the desired delay in Sleep.
This technique compensates for the affects of temper-
ature, voltage and component accuracy. The peripheral
can also be configured as a simple, programmable
Low-Voltage Detect (LVD) or temperature sensor.
EXAMPLE 10-3:
ULTRA LOW-POWER
WAKE-UP INITIALIZATION
R1
C1
RB0
//*******************************
// 1. Charge the capacitor on RB0
//*******************************
TRISBbits.TRISB0 = 0;
LATBbits.LATB0 = 1;
for(i = 0; i < 10000; i++) Nop();
//*****************************
//2. Stop Charging the capacitor
//
on RB0
//*****************************
TRISBbits.TRISB0 = 1;
//*****************************
//3. Enable ULPWU Interrupt
//*****************************
IFS5bits.ULPWUIF = 0;
IEC5bits.ULPWUIE = 1;
IPC21bits.ULPWUIP = 0x7;
//*****************************
//4. Enable the Ultra Low Power
//
Wakeup module and allow
//
capacitor discharge
//*****************************
ULPWCONbits.ULPEN = 1;
ULPWCONbit.ULPSINK = 1;
//*****************************
//5. Enter Sleep Mode
//*****************************
Sleep();
//for sleep, execution will
//resume here



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com